Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T40B Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST62T40B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T40B Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST62T40B Datasheet HTML 38Page - STMicroelectronics ST62T40B Datasheet HTML 39Page - STMicroelectronics ST62T40B Datasheet HTML 40Page - STMicroelectronics ST62T40B Datasheet HTML 41Page - STMicroelectronics ST62T40B Datasheet HTML 42Page - STMicroelectronics ST62T40B Datasheet HTML 43Page - STMicroelectronics ST62T40B Datasheet HTML 44Page - STMicroelectronics ST62T40B Datasheet HTML 45Page - STMicroelectronics ST62T40B Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
42/72
ST62T40B/E40B
TIMER 1& 2 (Cont’d)
4.2.5 TIMER 1 Registers
Timer Status Control Register (TSCR)
Address: 0D4h
—
Read/Write
Bit 7 = TMZ:
Timer Zero bit
A low-to-high transition indicates that the timer
count register has decrement to zero. This
bit
must be cleared by user software before starting a
new count.
Bit 6 = ETI:
Enable Timer Interrup
When set, enables the timer interrupt request. If
ETI=0 the timer interrupt is disabled. If ETI=1 and
TMZ=1 an interrupt request is generated.
Bit 5 = TOUT:
Timer Output Control.
When low, this bit select the input mode for the
TIMER pin. when high the output mode is select-
ed.
Bit 4 = DOUT:
Data Ouput
Data sent to the timer output when TMZ is set high
(output mode only). Input mode selection (input
mode only)
Bit 3 = PSI:
Prescaler Initialize Bit
Used to initialize the prescaler and inhibit its count-
ing. When PSI=“0” the prescaler is set to 7Fh and
the counter is inhibited. When PSI=“1” the prescal-
er is enabled to count downwards. As long as
PSI=“0” both counter and prescaler are not run-
ning.
Bit 2, 1, 0 = PS2, PS1, PS0:
Prescaler Mux. Se-
lect. These bits select the division ratio of the pres-
caler register.
Table 17. Prescaler Division Factors
Timer Counter Register (TCR)
Address: 0D3h
—
Read/Write
Bit 7-0 = D7-D0:
Counter Bits.
Prescaler Register PSC
Address: 0D2h
—
Read/Write
Bit 7 = D7: Always read as ”0”.
Bit 6-0 = D6-D0: Prescaler Bits.
70
TMZ
ETI
TOUT
DOUT
PSI
PS2
PS1
PS0
PS2
PS1
PS0
Divided by
00
0
1
00
1
2
01
0
4
01
1
8
10
0
16
10
1
32
11
0
64
1
1
1
128
70
D7
D6
D5
D4
D3
D2
D1
D0
70
D7
D6
D5
D4
D3
D2
D1
D0
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com