Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T40B Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST62T40B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T40B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST62T40B Datasheet HTML 23Page - STMicroelectronics ST62T40B Datasheet HTML 24Page - STMicroelectronics ST62T40B Datasheet HTML 25Page - STMicroelectronics ST62T40B Datasheet HTML 26Page - STMicroelectronics ST62T40B Datasheet HTML 27Page - STMicroelectronics ST62T40B Datasheet HTML 28Page - STMicroelectronics ST62T40B Datasheet HTML 29Page - STMicroelectronics ST62T40B Datasheet HTML 30Page - STMicroelectronics ST62T40B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
27/72
ST62T40B/E40B
3.4 INTERRUPTS
The CPU can manage four Maskable Interrupt
sources, in addition to a Non Maskable Interrupt
source (top priority interrupt). Each source is asso-
ciated with a specific Interrupt Vector which con-
tains a Jump instruction to the associated interrupt
service routine. These vectors are located in Pro-
gram space (see Table 10).
When an interrupt source generates an interrupt
request, and interrupt processing is enabled, the
PC register is loaded with the address of the inter-
rupt vector (i.e. of the Jump instruction), which
then causes a Jump to the relevant interrupt serv-
ice routine, thus servicing the interrupt.
Interrupt sources are linked to events either on ex-
ternal pins, or on chip peripherals. Several events
can be ORed on the same interrupt source, and
relevant flags are available to determine which
event triggered the interrupt.
The Non Maskable Interrupt request has the high-
est priority and can interrupt any interrupt routine
at any time; the other four interrupts cannot inter-
rupt each other. If more than one interrupt request
is pending, these are processed by the processor
core according to their priority level: source #1 has
the higher priority while source #4 the lower. The
priority of each interrupt source is fixed.
Table 10. Interrupt Vector Map
3.4.1 Interrupt request
All interrupt sources but the Non Maskable Inter-
rupt source can be disabled by setting accordingly
the GEN bit of the Interrupt Option Register (IOR).
This GEN bit also defines if an interrupt source, in-
cluding the Non Maskable Interrupt source, can re-
start the MCU from STOP/WAIT modes.
Interrupt request from the Non Maskable Interrupt
source #0 is latched by a flip flop which is automat-
ically reset by the core at the beginning of the non-
maskable interrupt service routine.
Interrupt request from source #1 can be config-
ured either as edge or level sensitive by setting ac-
cordingly the LES bit of the Interrupt Option Regis-
ter (IOR).
Interrupt request from source #2 are always edge
sensitive. The edge polarity can be configured by
setting accordingly the ESB bit of the Interrupt Op-
tion Register (IOR).
Interrupt request from sources #3 & #4 are level
sensitive.
In edge sensitive mode, a latch is set when a edge
occurs on the interrupt source line and is cleared
when the associated interrupt routine is started.
So, the occurrence of an interrupt can be stored,
until completion of the running interrupt routine be-
fore being processed. If several interrupt requests
occurs before completion of the running interrupt
routine, only the first request is stored.
Storage of interrupt requests is not available in lev-
el sensitive mode. To be taken into account, the
low level must be present on the interrupt pin when
the MCU samples the line after instruction execu-
tion.
At the end of every instruction, the MCU tests the
interrupt lines: if there is an interrupt request the
next instruction is not executed and the appropri-
ate interrupt service routine is executed instead.
Table 11. Interrupt Option Register Description
Interrupt Source
Priority
Vector Address
Interrupt source #0
1
(FFCh-FFDh)
Interrupt source #1
2
(FF6h-FF7h)
Interrupt source #2
3
(FF4h-FF5h)
Interrupt source #3
4
(FF2h-FF3h)
Interrupt source #4
5
(FF0h-FF1h)
GEN
SET
Enable all interrupts
CLEARED
Disable all interrupts
ESB
SET
Rising edge mode on inter-
rupt source #2
CLEARED
Falling edge mode on inter-
rupt source #2
LES
SET
Level-sensitive mode on in-
terrupt source #1
CLEARED
Falling edge mode on inter-
rupt source #1
OTHERS
NOT USED
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com