Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T40B Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST62T40B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T40B Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST62T40B Datasheet HTML 64Page - STMicroelectronics ST62T40B Datasheet HTML 65Page - STMicroelectronics ST62T40B Datasheet HTML 66Page - STMicroelectronics ST62T40B Datasheet HTML 67Page - STMicroelectronics ST62T40B Datasheet HTML 68Page - STMicroelectronics ST62T40B Datasheet HTML 69Page - STMicroelectronics ST62T40B Datasheet HTML 70Page - STMicroelectronics ST62T40B Datasheet HTML 71Page - STMicroelectronics ST62T40B Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
August 1999
69/72
Rev. 2.6
ST6240B
8-BIT ROM MCU WITH LCD DRIVER,
EEPROM AND A/D CONVERTER
s
3.0 to 6.0V Supply Operating Range
s
8 MHz Maximum Clock Frequency
s
-40 to +85
°C Operating Temperature Range
s
Run, Wait and Stop Modes
s
5 Interrupt Vectors
s
Look-up Table capability in Program Memory
s
Data Storage in Program Memory:
User selectable size
s
Data RAM: 192 bytes
s
Data EEPROM: 128 bytes
s
24 I/O pins, fully programmable as:
– Input with pull-up resistor
– Input without pull-up resistor
– Input with interrupt generation
– Open-drain or push-pull output
– Analog Input
– LCD segments (8 combiport lines)
s
4 I/O lines can sink up to 20mA to drive LEDs or
TRIACs directly
s
Two
8-bit
Timer/Counter
with
7-bit
programmable prescaler
s
Digital Watchdog
s
8-bit A/D Converter with 12 analog inputs
s
8-bit Synchronous Peripheral Interface (SPI)
s
LCD driver
with 45
segment outputs,
4
backplane outputs and selectable multiplexing
ratio.
s
32kHz oscillator for stand-by LCD operation
s
Power Supply Supervisor (PSS)
s
On-chip Clock oscillator can be driven by Quartz
Crystal or Ceramic resonator
s
One external Non-Maskable Interrupt
s
ST6240-EMU2 Emulation and Development
System (connects to an MS-DOS PC via a
parallel port).
DEVICE SUMMARY
(See end of Datasheet for Ordering Information)
PQFP80
DEVICE
ROM
(Bytes)
I/O Pins
ST6240B
7948
16 to 24
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com