Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T40B Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST62T40B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T40B Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST62T40B Datasheet HTML 44Page - STMicroelectronics ST62T40B Datasheet HTML 45Page - STMicroelectronics ST62T40B Datasheet HTML 46Page - STMicroelectronics ST62T40B Datasheet HTML 47Page - STMicroelectronics ST62T40B Datasheet HTML 48Page - STMicroelectronics ST62T40B Datasheet HTML 49Page - STMicroelectronics ST62T40B Datasheet HTML 50Page - STMicroelectronics ST62T40B Datasheet HTML 51Page - STMicroelectronics ST62T40B Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
48/72
ST62T40B/E40B
4.5 LCD CONTROLLER-DRIVER
On-chip LCD driver includes all features required
for LCD driving, including multiplexing of the com-
mon plates. Multiplexing allows to increase display
capability without increasing the number of seg-
ment outputs. In that case, the display capability is
equal to the product of the number of common
plates with the number of segment outputs.
A dedicated LCD RAM is used to store the pattern
to be displayed while control logic generates ac-
cordingly all the waveforms sent onto the segment
or common outputs. Segments voltage supply is
MCU supply independant, and included driving
stages allow direct connection to the LCD panel.
The multiplexing ratio (Number of common plates)
and the base LCD frame frequency is software
configurable to achieve the best trade-off con-
trast/display capability for each display panel.
The 32KHz clock used for the LCD controller is
derivated from the MCU’s internal clock and there-
fore does not require a dedicated oscillator. The
division factor is set by the three bits HF0..HF2 of
the LCD Mode Control Register LCDCR as sum-
marized in Table 19 for recommanded oscillator
quartz values. In case of oscillator failure, all seg-
ment and common lines are switched to ground to
avoid any DC biasing of the LCD elements.
Table 19. Oscillator Selection Bits
Notes:
1.
The usage fOSC values different from those
defined in this table cause the LCD to operate at a
reference frequency different from 32.768KHz, ac-
cording to division factor of Table 19.
2.
It is not recommended to select an internal
frequency lower than 32.768KHz as the clock su-
pervisor circuit may switch off the LCD peripheral
if lower frequency is detected.
Figure 26. LCD Block Diagram
MCU
Oscillator
fOSC
HF2 HF1 HF0
Division Factor
0
0
0
Clock disabled: Display off
1.048MHz
0
1
1
32
2.097MHz
1
0
0
64
4.194MHz
1
0
1
128
8.388MHz
1
1
0
256
DATA BUS
CONTROL
REGISTE R
LCD
RAM
SEGMENT
DRIVER
COMMON
DRIVE R
VOLTAGE
DIVIDER
CONTROLLER
CLOCK
SELECTION
VLCD
1/3
2/3
VLCD VLCD
BACKPLA NES
SEGMENTS
fint
OSC 32KHz
(When available)
VR02099
32KHz
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com