Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T40B Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST62T40B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T40B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST62T40B Datasheet HTML 14Page - STMicroelectronics ST62T40B Datasheet HTML 15Page - STMicroelectronics ST62T40B Datasheet HTML 16Page - STMicroelectronics ST62T40B Datasheet HTML 17Page - STMicroelectronics ST62T40B Datasheet HTML 18Page - STMicroelectronics ST62T40B Datasheet HTML 19Page - STMicroelectronics ST62T40B Datasheet HTML 20Page - STMicroelectronics ST62T40B Datasheet HTML 21Page - STMicroelectronics ST62T40B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
18/72
ST62T40B/E40B
3 CLOCKS, RESET, INTERRUPTS AND POWER SAVING MODES
3.1 CLOCK SYSTEM
3.1.1 Main Oscillator
The MCU features a Main Oscillator which can be
driven by an external clock, or used in conjunction
with an AT-cut parallel resonant crystal or a suita-
ble ceramic resonator.
Figure 8 illustrates various possible oscillator con-
figurations using an external crystal or ceramic res-
onator, an external clock input. CL1 an CL2 should
have a capacitance in the range 12 to 22 pF for an
oscillator frequency in the 4-8 MHz range.
The internal MCU clock Frequency (FINT) is divid-
ed by 13 to drive the CPU core and by 12 to drive
the A/D converter and the watchdog timer, while
clock used to drive on-chip peripherals depends
on the peripheral as shown in the clock circuit
block diagram.
With an 8MHz oscillator frequency, the fastest ma-
chine cycle is therefore 1.625
µs.
A machine cycle is the smallest unit of time needed
to execute any operation (for instance, to increment
the Program Counter). An instruction may require
two, four, or five machine cycles for execution.
Figure 8. Oscillator Configurations
Figure 9. Clock Circuit Block Diagram
OSCin
OSCout
CL1n
CL2
ST6xxx
CRYSTA L/RESONATOR CLOCK
OSCin
OSCout
ST6xxx
EXTERNAL CLOCK
NC
VA0016
VA0015A
MAIN
OSCILLATOR
Core
:13
:12
Timer 1 & 2
Watchdog
POR
fINT
ADC
OSCin
OSCout
fOSC
fINT
OSC32in
OSC32out
32kHz
OSCILLATOR
MUX
LCD
CONTRO LLER
DRIVE R
EOCR bit 5
(START/STOP )
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com