Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T40B Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST62T40B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T40B Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST62T40B Datasheet HTML 60Page - STMicroelectronics ST62T40B Datasheet HTML 61Page - STMicroelectronics ST62T40B Datasheet HTML 62Page - STMicroelectronics ST62T40B Datasheet HTML 63Page - STMicroelectronics ST62T40B Datasheet HTML 64Page - STMicroelectronics ST62T40B Datasheet HTML 65Page - STMicroelectronics ST62T40B Datasheet HTML 66Page - STMicroelectronics ST62T40B Datasheet HTML 67Page - STMicroelectronics ST62T40B Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
64/72
ST62T40B/E40B
6.4 AC ELECTRICAL CHARACTERISTICS
(TA = -40 to +85°C unless otherwise specified)
Notes:
1. Period for which VDD has to be connected at 0V to allow internal Reset function at next power-up.
6.5 A/D CONVERTER CHARACTERISTICS
(TA = -40 to +85°C unless otherwise specified)
Notes:
1. Noise at AVDD,AVSS <10mV
2. With oscillator frequencies less than 1MHz, the A/D Converter accuracy is decreased. .
Symbol
Parameter
Test Conditio ns
Value
Unit
Min.
Typ.
Max.
tREC
Supply Recovery Time (1)
100
ms
TWR
Minimum Pulse Width (VDD = 5V)
RESET pin
NMI pin
100
100
ns
TWEE
EEPROM Write Time
TA =25°C
TA =85°C
5
10
10
20
ms
Endurance EEPROM WRITE/ERASE Cycle
QA LOT Acceptance
300,000 1 million
cycles
Retention
EEPROM Data Retention
TA =55°C
10
years
CIN
Input Capacitance
All Inputs Pins
10
pF
COUT
Output Capacitance
All Outputs Pins
10
pF
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Res
Resolution
8
Bit
ATOT
Total Accuracy (1) (2)
fOSC > 1.2MHz
fOSC > 32kHz
±2
±4
LSB
tC
Conversion Time
fOSC = 8MHz
70
µs
ZIR
Zero Input Reading
Conversion result when
VIN =VSS
00
Hex
FSR
Full Scale Reading
Conversion result when
VIN =VDD
FF
Hex
ADI
Analog Input Current During
Conversion
VDD= 4.5V
1.0
µA
ACIN
Analog Input Capacitance
2
5
pF
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com