Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6369 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 59Page - STMicroelectronics ST6369 Datasheet HTML 60Page - STMicroelectronics ST6369 Datasheet HTML 61Page - STMicroelectronics ST6369 Datasheet HTML 62Page - STMicroelectronics ST6369 Datasheet HTML 63Page - STMicroelectronics ST6369 Datasheet HTML 64Page - STMicroelectronics ST6369 Datasheet HTML 65Page - STMicroelectronics ST6369 Datasheet HTML 66Page - STMicroelectronics ST6369 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
Pin Function
Description
DA0 to DA5
Output, Open-Drain, 12V
AD
Input, High Impedance, 12V
HDA
Output, Push-Pull
TEST/VPP
Input, Pull-Down, VPP EPROM Programming Voltage Input
OSCIN
Input, Resistive Bias, Schmitt Trigger to Reset Logic Only
OSCOUT
Output, Push-Pull
RESET
Input, Pull-up, Schmitt Trigger Input
PA0-PA3
I/O, Push-Pull, Software Input Pull-up, Schmitt Trigger Input
PA4-PA5
I/O, Open-Drain, 12V, No Input Pull-up, Schmitt Trigger Input
PA6-PA7
I/O, Open-Drain, 12V, No Input Pull-up, Schmitt Trigger Input, High Drive
PB1-PB2
I/O, Push-Pull, Software Input Pull-up, Schmitt Trigger Input
PB4-PB6
I/O, Push-Pull, Software Input Pull-up, Schmitt Trigger Input
PC0-PC3
I/O, Open-Drain, 5V , Software Input Pull-up, Schmitt Trigger Input
PC4-PC7
I/O, Open-Drain, 12V, No Input Pull-up, Schmitt Trigger Input
O0, O1
Output, Open-Drain, 12V
VDD,VSS
Power Supply Pins
Table 2. Pin Summary
®
ST63E69,ST63T69
59/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com