Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6369 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 19Page - STMicroelectronics ST6369 Datasheet HTML 20Page - STMicroelectronics ST6369 Datasheet HTML 21Page - STMicroelectronics ST6369 Datasheet HTML 22Page - STMicroelectronics ST6369 Datasheet HTML 23Page - STMicroelectronics ST6369 Datasheet HTML 24Page - STMicroelectronics ST6369 Datasheet HTML 25Page - STMicroelectronics ST6369 Datasheet HTML 26Page - STMicroelectronics ST6369 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
VA000200
TO ST6
RESET
ST6
INTERNAL RESET
OSCILLATOR
SIG NAL
WATCHDOG RESET
VDD
300 k
RESET
(ACTIVE LOW)
COUNTER
1.0k
Figure 20. Internal Reset Circuit
RESET
The ST6369 devices can be reset in two ways: by
the external reset input (RESET) tied low and by the
hardware activated digital watchdog peripheral.
RESET Input
The external active low reset pin is used to reset the
ST6369 devices and provide an orderly software
startup procedure. The activation of the Reset pin
may occur at any time in the RUN or WAIT mode.
Even short pulses at the reset pin will be accepted
since the reset signal is latched internally and is only
cleared after 2048 clocks at the oscillator pin. The
clocks from the oscillator pin to the reset circuitry
are bufferedby a schmitt trigger so that an oscillator
in start-up conditions will not give spurious clocks.
When the reset pin is held low, the external crystal
oscillator is also disabled in order to reduce current
consumption. The MCU is configured in the Reset
mode as long as the signal of the RESET pin is low.
The processing of the program is stopped and the
standard Input/Output ports (port A, port B and port
C) are in the input state. As soon as the level on the
reset pin becomes high, the initialization sequenceis
executed. Refer to the MCU initialization sequence
for additional information.
Watchdog Reset
The ST6369 devices are provided with an on-chip
hardware activated digital watchdog function in or-
der to provide a graceful recovery from a software
upset. If the watchdog register is not refreshed and
the end-of-count is reached, then the reset state
will be latched into the MCU and an internal circuit
pulls down the reset pin. This also resets the
watchdog which subsequently turns off the pull-
down and activates the pull-up device at the reset
pin. This causes the positive transition at the reset
pin. The MCU will then exit the reset state after
2048 clocks on the oscillator pin.
Application Notes
An external resistor between VDD and the reset pin
is not required because an internal pull-up device
is provided. The user may prefer to add an external
pull-up resistor.
An internal Power-on device does not guarantee
that the MCU will exit the reset state when VDD is
above 4.5V and therefore the RESET pin should
be externally controlled.
®
ST6369
19/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com