Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6369 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 63Page - STMicroelectronics ST6369 Datasheet HTML 64Page - STMicroelectronics ST6369 Datasheet HTML 65Page - STMicroelectronics ST6369 Datasheet HTML 66Page - STMicroelectronics ST6369 Datasheet HTML 67Page - STMicroelectronics ST6369 Datasheet HTML 68Page - STMicroelectronics ST6369 Datasheet HTML 69Page - STMicroelectronics ST6369 Datasheet HTML 70Page - STMicroelectronics ST6369 Datasheet HTML 71Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
ORDERING INFORMATION
To ensure compatibility between the EPROM/OTP
parts and the corresponding ROM families, the fol-
lowing information is provided. The user should
take this information into account when program-
ming the memory of the EPROM parts.
Communication of the ROM Codes. To commu-
nicate the contents of memories to SGS-THOM-
SON, the customer has to send:
– one file in INTEL INTELLEC 8/MDS FORMAT
(either as an EPROM or in a MS-DOS 5” diskette)
for the EEPROM initial content (this file is optional)
– a filled Option List form as described in the OP-
TION LIST paragraph.
The ROM code must be generated with ST6 as-
sembler. Before programming the EPROM, the
buffer of the EPROM programmer must be filled
with FFh.
For shipment to SGS-THOMSON the EPROMs
should be placed in a conductive IC carrier and
packaging carefully.
Customer EEPROM Initial Contents:
Format
a. The content should be written into an INTEL IN-
TELLEC format file.
b. In the case of 384 bytes of EEPROM, the start-
ing address is 000h and the end address is 7Fh.
The order of the pages (64 bytes each) is an in the
specification (ie. b7, b1 b0: 001, 010, 011, 101,
110. 111).
c. Undefined or don’t care bytes should have the
content FFh.
Listing Generation & Verification. When SGS-
THOMSON receives the Codes, they are com-
pared and a computer listing is generated from
them. This listing refers extractly to the mask that
will be used to produce the microcontroller. Then
the listing is returned to the customer that must
thoroughly check, complete, sign and return it to
SGS-THOMSON. The signed list constitutes a part
of the contractual agreement for the creation of the
customer mask. SGS-THOMSON sales organiza-
tion will provide detailed information on contractual
points.
®
ST63E69,ST63T69
65/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com