Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6369 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 63Page - STMicroelectronics ST6369 Datasheet HTML 64Page - STMicroelectronics ST6369 Datasheet HTML 65Page - STMicroelectronics ST6369 Datasheet HTML 66Page - STMicroelectronics ST6369 Datasheet HTML 67Page - STMicroelectronics ST6369 Datasheet HTML 68Page - STMicroelectronics ST6369 Datasheet HTML 69Page - STMicroelectronics ST6369 Datasheet HTML 70Page - STMicroelectronics ST6369 Datasheet HTML 71Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tWRES
Minimum Pulse Width
RESET Pin
125
ns
tOHL
High to Low Transition Time
PA6, PA7
VDD = 5V, CL = 1000pF (2)
100
ns
tOHL
High to Low Transition Time
DA0-DA5,
PB1-PB2, PB4-PB6
PC0-PC7
VDD = 5V, CL = 100pF
20
ns
tOLH
Low to High Transition Time
PB1-PB2 , PB4-PB6,
PA0-PA3,
PC0-PC3
VDD = 5V, CL = 100pF
20
ns
tOH
Data HOLD Time
SPI after clock goes low
I
2CBUS/S-BUS Only
175
ns
f DA
D/A Converter Repetition
Frequency
(1)
31.25
kHz
f SIO
SIO Baud Rate
(1)
62.50
kHz
tWEE
EEPROM Write Time
TA =25
°C, One Byte
5
10
ms
Endurance
EEPROM WRITE/ERASE Cycles
QA LOT
Acceptance Criteria
300.000
>1
million
cycles
Retention
EEPROM Data Retention (4)
TA =25
°C
10
years
CIN
Input Capacitance (3)
All Inputs Pins
10
pF
COUT
Output Capacitance (3)
All outputs Pins
10
pF
COSCIN,
COSCOUT
Oscillator Pins Internal
Capacitance(3)
5pF
Notes:
1.
A clock other than 8 MHz will affect the frequency response of those peripherals (D/A, 62.5kHz and SPI) whose clock is
derived from the system clock.
2.
The rise and fall times of PORT A have been reduced in order to avoid current spikes while maintaining a high drive capability
3.
Not 100% Tested
4.
Based on extrapolated data
AC ELECTRICAL CHARACTERISTICS
(TA = 0 to +70
°C, fOSC=8MHz, VDD=4.5 to 6.0V unless otherwise specified )
®
ST63E69,ST63T69
64/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com