Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6369 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 30Page - STMicroelectronics ST6369 Datasheet HTML 31Page - STMicroelectronics ST6369 Datasheet HTML 32Page - STMicroelectronics ST6369 Datasheet HTML 33Page - STMicroelectronics ST6369 Datasheet HTML 34Page - STMicroelectronics ST6369 Datasheet HTML 35Page - STMicroelectronics ST6369 Datasheet HTML 36Page - STMicroelectronics ST6369 Datasheet HTML 37Page - STMicroelectronics ST6369 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
HWDR
Hardware Activated Watchdog Register
(D8H, Read/ Write)
D7 D6 D5 D4 D3 D2 D1 D0
C = Watchdog Activation Bit
SR = Software Reset Bit
T1-T6 = Counter Bits
Figure 37. Watchdog Register
HARDWARE ACTIVATED DIGITAL WATCHDOG
FUNCTION (Continued)
T1-T6. These are the watchdog counter bits. It
should be noted that D7 (T1) is the LSB of the
counter and D2 (T6) is the MSB of the counter,
these bits are in the opposite order to normal.
SR. This bit is set to one during the reset phase
and will generate a software reset if cleared to
zero.
C. This is the watchdog activation bit that is hard-
ware set. The watchdog function is always acti-
vated independently of changes of value of this bit.
The register reset value is FEH (Bit 1-7 set to one,
Bit 0 cleared).
SERIAL PERIPHERAL INTERFACE
The ST6369 Serial Peripheral Interface (SPI) has
been designed to be cost effective and flexible in
interfacing the various peripherals in TV applica-
tions.
It maintains the software flexibility but adds hard-
ware
configurations suitable to drive devices
which require a fast exchange of data. The three
pins dedicated for serial data transfer (single mas-
ter only) can operate in the following ways:
- as standard I/O lines (software configuration)
- as S-BUS or as I
2CBUS (two pins)
- as standard (shift register) SPI
When using the hardware SPI, a fixed clock rate of
62.5kHz is provided.
It has to be noted that the first bit that is output on
the data line by the 8-bit shift register is the MSB.
SPI Data/Control Registers
For I/O details on SCL (Serial Clock), SDA (Serial
Data) and SEN (Serial Enable) please refer to I/O
Ports description with reference to the following
registers:
Port C data register, Address C2H (Read/Write).
- BIT D0 “SCL”
- BIT D1 “SDA”
- BIT D3 “SEN”
Port C data direction register, Address C6H
(Read/Write).
SSDR
SPI Serial Data Register
(CCH, Read/ Write)
D7 D6 D5 D4 D3 D2 D1 D0
D0-D7 = Data Bits
Figure 38. SPI Serial Data Register
D7-D0. These are the SPI data bits. They can be
neither read nor written when SPI is operating
(BUSY bit set). They are undefined after reset.
®
ST6369
30/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com