Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6369 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 21Page - STMicroelectronics ST6369 Datasheet HTML 22Page - STMicroelectronics ST6369 Datasheet HTML 23Page - STMicroelectronics ST6369 Datasheet HTML 24Page - STMicroelectronics ST6369 Datasheet HTML 25Page - STMicroelectronics ST6369 Datasheet HTML 26Page - STMicroelectronics ST6369 Datasheet HTML 27Page - STMicroelectronics ST6369 Datasheet HTML 28Page - STMicroelectronics ST6369 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
WAIT & STOP MODES
The STOP and WAIT modes have been imple-
mented in the ST6369 Core in order to reduce the
consumption of the device when the latter has no
instruction to execute. These two modes are de-
scribed in the following paragraphs. On ST6369 as
the hardware activated digital watchdog function is
present the STOP instruction is de-activated and
any attempt to execute it will cause the automatic
execution of a WAIT instruction.
WAIT Mode
The configuration of the MCU in the WAIT mode oc-
curs as soon as the WAIT instruction is executed.
The microcontroller can also be considered as being
in a “software frozen” state where the Core stops
processing the instructions of the routine, the con-
tents of the RAM locations and peripheral registers
are saved as long as the power supply voltage is
higher than the RAM retention voltage but where the
peripherals are still working.
The WAIT mode is used when the user wants to
reduce the consumption of the MCU when it is in
idle, while not losing count of time or monitoring of
external events. The oscillator is not stopped in
order to provide clock signal to the peripherals.
The timers counting may be enabled (writing the
PSI bit in TSCR register) and the timer interrupt
may be also enabled before entering the WAIT
mode; this allows the WAIT mode to be left when
timer interrupt occurs. If the exit from the WAIT
mode is performed with a genera l RESET (either
from the activation of the external pin or by watch-
dog reset) the MCU will enter a normal reset pro-
cedure as described in the RESET chapter. If an
interrupt is generated during WAIT mode the
MCU behaviour depends on the state of the
ST6369 Core before the initialization of the WAIT
sequence, but also of the kind of the interrupt re-
quest that is generated. This case will be de-
scribed in the following paragraphs. In any case,
the ST6369 Core does not genera te any delay af-
ter the occurrence of the interrupt because the
oscillator clock is still available.
STOP Mode
On ST6369 the hardware watchdog is present and
the STOP instruction has been de-activated. Any
attempt to execute a STOP will cause the auto-
matic execution of a WAIT instruction.
Exit from WAIT Mode
The following paragraphs describe the output pro-
cedure of the ST6369 Core from WAIT mode when
an interrupt occurs. It must be noted that the restart
sequence depends on the original state of the
MCU (normal, interrupt or non-maskable interrupt
mode) before the start of the WAIT sequence, but
also of the type of the interrupt request that is gen-
erated. In all cases the GEN bit of IOR has to be set
to 1 in order to restart from WAIT mode. Contrary
to the operation of NMI in the run mode, the NMI is
masked in WAIT mode if GEN=0.
Normal Mode. If the ST6369Corewas in themain
routinewhen the WAIT instruction has been executed,
the ST6369 Core outputsfrom the wait mode as soon
as any interrupt occurs; the related interrupt routine is
executedand at the end of the interruptservice routine
the instruction that follows the WAIT instruction is exe-
cuted if no other interrupts are pending.
Non-maskable Interrupt Mode. If the WAIT in-
struction has been executed during the execution
of the non-maskable interrupt routine, the ST6369
Core outputs from the wait mode as soon as any
interrupt occurs: the instruction that follows the
WAIT instruction is executed and the ST6369 Core
is still in the non-maskable interrupt mode even if
another interrupt has been generated.
Normal Interrupt Mode. If the ST6369 Core was
in the interrupt mode before the initialization of the
WAIT sequence, it outputs from the wait mode as
soon as any interrupt occurs. Nevertheless, two
cases have to be considered:
If the interrupt is a normal interrupt, the inter-
rupt routine in which the WAIT was entered
will be completed with the execution of the in-
struction that follows the WAIT and the
ST6369 Core is still in the interrupt mode. At
the end of this routine pending interrupts will
be serviced in accordance to their priority.
If the interrupt is a non-maskable interrupt,
the non-maskable routine is processed at
first. Then, the routine in which the WAIT was
entered will be completed with the execution
of the instruction that follows the WAIT and
the ST6369 Core is still in the normal inter-
rupt mode.
Notes :
If all the interrupt sources are disabled, the restart
of the MCU can only be done by a Reset activation.
The Wait instruction is not executed if an enabled
interrupt request is pending. In the ST6369 the
hardware activated digital watchdog function is
present. As the watchdog is always activated the
STOP instruction is de-activated and any attempt
to execute the STOP instruction will cause an exe-
cution of a WAIT instruction.
®
ST6369
21/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com