Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6369 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 49Page - STMicroelectronics ST6369 Datasheet HTML 50Page - STMicroelectronics ST6369 Datasheet HTML 51Page - STMicroelectronics ST6369 Datasheet HTML 52Page - STMicroelectronics ST6369 Datasheet HTML 53Page - STMicroelectronics ST6369 Datasheet HTML 54Page - STMicroelectronics ST6369 Datasheet HTML 55Page - STMicroelectronics ST6369 Datasheet HTML 56Page - STMicroelectronics ST6369 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
EEPROM INFORMATION
The ST63xx EEPROM singl e pol y process has been special l y devel oped to achieve 300.000
Write/Erase cycl es and a 10 years data retention.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIL
Input Low Level Voltage
All I/O Pins
0.2xV
DD
V
VIH
Input High Level Voltage
All I/O Pins
0.8xVDD
V
VHYS
Hysteresis Voltage(1)
All I/O Pins
VDD =5V
1.0
V
VOL
Low Level Output Voltage
DA0-DA5,
PB1-PB2, PB4-PB6,
PC0-PC7,
O0, O1, PA0-PA5
VDD = 4.5V
IOL = 1.6mA
IOL = 5.0mA
0.4
1.0
V
V
VOL
Low Level Output Voltage
PA6-PA7
VDD = 4.5V
IOL= 1.6mA
IOL= 25mA
0.4
1.0
V
V
V OL
Low Level Output Voltage
OSCOUT
VDD = 4.5V
IOL= 0.4mA
0.4
V
VOL
Low Level Output Voltage
HDA Output
VDD = 4.5V
IOL= 0.5mA
IOL= 1.6mA
0.4
1.0
V
V
VOH
High Level Output Voltage
PB1-PB2, PB4-PB6,
PA0-PA3,
VDD = 4.5V
IOH = – 1.6mA
4.1
V
V OH
High Level Output Voltage
OSCOUT,
VDD = 4.5V
IOH= – 0.4mA
4.1
V
V OH
High Level Output Voltage
HDA Output
VDD = 4.5V
IOH= - 0.5mA
4.1
V
IPU
Input Pull Up Current
Input Mode with Pull-up
PB1-PB2, PB4-PB6,
PA0-PA3, PC0-PC3
VIN=VSS
– 100
– 50
– 25
mA
IIL
IIH
Input Leakage Current
OSCIN
VIN=VSS
VIN=VDD
–10
0.1
–1
1
– 0.1
10
µA
IIL
Input Pull-down
current in Reset
OSCIN
100
µA
IIL
IIH
Input Leakage Current
All I/O Input Mode
no Pull-up
VIN=VDD or VSS
–10
10
µA
DC ELECTRICAL CHARACTERISTICS
(TA = 0 to +70
°C unl ess otherwise specified)
®
ST6369
49/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com