Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6369 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 55Page - STMicroelectronics ST6369 Datasheet HTML 56Page - STMicroelectronics ST6369 Datasheet HTML 57Page - STMicroelectronics ST6369 Datasheet HTML 58Page - STMicroelectronics ST6369 Datasheet HTML 59Page - STMicroelectronics ST6369 Datasheet HTML 60Page - STMicroelectronics ST6369 Datasheet HTML 61Page - STMicroelectronics ST6369 Datasheet HTML 62Page - STMicroelectronics ST6369 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
®
8-BIT EPROM HCMOS MCUs FOR
DIGITAL CONTROLLED MULTI FREQUENCY MONITOR
ST63E69
ST63T69
4.5 to 6V supply operating range
8MHz Maximum Clock Frequency
User Program EPROM:
7948 bytes
Reserved Test EPROM:
244 bytes
Data ROM:
user selectable size
Data RAM:
256 bytes
Data EEPROM:
384 bytes
40-Pin Ceramic Dual in Line Package for EPROM
version
40-Pin Plastic Dual in Line Package for OTP
version
Up to 23 software programmable general pur-
pose Inputs/Outputs, including 2 direct LED
driving Outputs
Two Timers each including an 8-bit counter with
a 7-bit programmable prescaler
Digital Watchdog Function
Serial Peripheral Interface (SPI) supporting
S-BUS/ I
2C BUS and standard serial protocols
One 14-Bit PWM D/A Converter
Six 6-Bit PWM D/A Converters
One A/D converter with 0.5V resolution
Five interrupt vectors (HSYNC/NMI, Timer 1 & 2,
VSYNC, PWR INT.)
On-chip clock oscillator
These EPROM and OTP versions are fully pin to
pin compatible with ST6369 ROM version.
The development tool of the ST6369 microcon-
trollers consists of the ST6369-EMU emulation
and development system to be connected via a
standard RS232 serial line to an MS-DOS Per-
sonal Computer.
EPROM programming board ST6369-EPB
This is Preliminary information from SGS-THOMSON. Details are subject to change without notice.
February 1993
(Ordering Information at the end of the datasheet)
40
1
PDIP40
PRELIMINARY DATA
EPROM
DEVICE
OTP
DEVICE
EPROM
(Bytes)
EEPROM
(Bytes)
D/A
Conv.
ST63E69 ST63T69
8K
384
7
DEVICE SUMMARY
1
CDIP40W
55/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com