Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST70136
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST70136 Datasheet HTML 5Page - STMicroelectronics ST70136 Datasheet HTML 6Page - STMicroelectronics ST70136 Datasheet HTML 7Page - STMicroelectronics ST70136 Datasheet HTML 8Page - STMicroelectronics ST70136 Datasheet HTML 9Page - STMicroelectronics ST70136 Datasheet HTML 10Page - STMicroelectronics ST70136 Datasheet HTML 11Page - STMicroelectronics ST70136 Datasheet HTML 12Page - STMicroelectronics ST70136 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ST70136
9/24
Figure 2 : Digital Data Interface
4.7 - Control Serial Interface
There is a 4-pin serial digital interface (CLKWD,
CTRLIN, CTRLOUT, R/W) that access one of the
8 x 12-bit registers that controls all the program-
mable features on the ST70136.
The registers are loaded with the asynchronous
type data burst delivered to CTRLIN pin. It is com-
posed of 16 bits from which the first bit (b15) is
used as start bit (‘0’), the three LSBs (b2:b0) being
used to identify the register to be loaded.
The twelve remaining bits (b14:b3) are the control
data. During a read operation, the CTRLOUT pin
figures out the register contents addressed by
CTRLIN pin.
CLKM
CLKWD
TX[0]/RX[0]
TX[1]/RX[1]
35.328MHz
8.832MHz
TX[2]/RX[2]
TX[3]/RX[3]
Sign
DATA..................................................................................LSB
a15
a0
TX DATA
Sign
Sign DATA.................................................................... 0
0 0
a15
RX DATA
a13
a9
a5
a12
a8
a4
a15
a11
a7
a3
a14
a10
a6
a2
a1
a0
a14
a13
a2
a14
a13
a0
a1
Figure 3 : Control Register Interface Write Cycle
CLKM
CLKWD
Data for write access [b14:b3]
[b2:b0]
CTRLIN
b15
CTRLOUT
R/NW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com