Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST70136
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136 Datasheet(HTML) 1 Page - STMicroelectronics

  ST70136 Datasheet HTML 1Page - STMicroelectronics ST70136 Datasheet HTML 2Page - STMicroelectronics ST70136 Datasheet HTML 3Page - STMicroelectronics ST70136 Datasheet HTML 4Page - STMicroelectronics ST70136 Datasheet HTML 5Page - STMicroelectronics ST70136 Datasheet HTML 6Page - STMicroelectronics ST70136 Datasheet HTML 7Page - STMicroelectronics ST70136 Datasheet HTML 8Page - STMicroelectronics ST70136 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
September 2001
s WIDE TRANSMIT AND RECEIVE DYNAMIC
RANGE
TO
REDUCE
EXTERNAL
FILTERING REQUIREMENTS
s RECEIVE PROGRAMMABLE GAIN: 0 TO
31dB GAIN IN 1dB STEPS
s RECEIVE PROGRAMMABLE ATTENUATOR
0,-4dB, -8dB, -12dB
s 12-BIT A/D CONVERTER IN RECEIVE PATH
s TRANSMIT PROGRAMMABLE GAIN: 0 TO
-15dB IN 1dB STEPS
s 14-BIT D/A CONVERTER IN TRANSMIT PATH
s LOW POWER MODE: 10mW IN LISTENING
MODE, 250
µW IN POWER DOWN
s TONE DETECTOR: ACTIVITY DETECTION
FOR WAKE-UP FUNCTION
s 64-PIN TQFP PACKAGE
s 64-PIN LFBGA PACKAGE
s 0.50
µm, 5V BICMOS TECHNOLOGY
s 3.3V DIGITAL INTERFACE
s 5V ANALOG INTERFACE
INTRODUCTION
The ST70136 ADSL Analog Front End (AFE) chip
implements
the
analog transceiver functions
required in a Customer Premise ADSL modem. It
connects the digital modem chip with the loop
driver and hybrid balance circuits.
The AFE has been designed with high dynamic
range in order to greatly reduce the external filter-
ing requirements at the front end.
The AFE chip and its companion digital chip along
with a loop driver, implement the complete
G.992.2 and G.992.1 DMT modem solution.
The AFE receive path contains a programmable
gain amplifier (RxPGA), a low pass anti-aliasing
filter, and a 12-bit A/D converter. The RxPGA is
digitally programmable from 0 to 31dB in 1dB
steps.
The AFE transmit path consists of a 14-bit D/A
converter, followed by a programmable gain
amplifier (TxPGA). The transmit gain is program-
mable from 0 to -15dB in 1dB steps.
TQFP64 Full Plastic
(10 x 10 x 1.40 mm)
ORDER CODE: ST70136B
LFBGA64
(8 x 8 x 1.7 mm)
ORDER CODE: ST70136G
Figure 1 : Overall Application Block Diagram
Software for Control xDSL
PC
PCI
or
USB
PCI
or
USB
DMT
xDSL
AFE
ST70137
ST70136
LOOP
DRIVER
TS612/TS652
LINE
HYBRID
ST70136
CPE ADSL ANALOG FRONT END


Similar Part No. - ST70136

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70134 STMICROELECTRONICS-ST70134 Datasheet
57Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
ST70134 STMICROELECTRONICS-ST70134 Datasheet
130Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
ST70134 STMICROELECTRONICS-ST70134 Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
ST70134-ST70135A STMICROELECTRONICS-ST70134-ST70135A Datasheet
57Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
ST70134A STMICROELECTRONICS-ST70134A Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
More results

Similar Description - ST70136

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Aug-1999
logo
Samsung semiconductor
S5N8943B SAMSUNG-S5N8943B Datasheet
263Kb / 22P
G.Lite ADSL Analog Front End IC
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
G.dmt ADSL Analog Front End IC
logo
Intersil Corporation
HC6094 INTERSIL-HC6094 Datasheet
51Kb / 9P
ADSL Analog Front End Chip
February 1999
logo
Texas Instruments
AFE1302 TI-AFE1302 Datasheet
221Kb / 11P
ADSL ANALOG FRONT-END
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Feb-2004
logo
fujitsu semiconductor
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
KeyWave AFE ADSL Analog Front End
logo
STMicroelectronics
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
Feb-2004
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
logo
STMicroelectronics
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com