Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST70136
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST70136 Datasheet HTML 2Page - STMicroelectronics ST70136 Datasheet HTML 3Page - STMicroelectronics ST70136 Datasheet HTML 4Page - STMicroelectronics ST70136 Datasheet HTML 5Page - STMicroelectronics ST70136 Datasheet HTML 6Page - STMicroelectronics ST70136 Datasheet HTML 7Page - STMicroelectronics ST70136 Datasheet HTML 8Page - STMicroelectronics ST70136 Datasheet HTML 9Page - STMicroelectronics ST70136 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ST70136
6/24
2.11.2 - TOP
This pin is the differential non-inverting tone
detector input.
2.11.3 - ACTD
This pin is active when tone 40 or 72 has been
detected in sleeping mode (see control register)
2.12 - CRYSTAL
These pins must be tied to an external crystal
(F = 35.328MHz).
2.12.1 - XTALI
This pin is the crystal oscillator input.
2.12.2 - XTALO
This pin is the crystal oscillator output.
2.13 - VCXO
2.13.1 - IVCO
This pin is the current reference for the VCO DAC
2.13.2 - VCOCAP
This pin is used to introduce time constant. The
tuning is done by connecting an external capacitor
2.13.3 - VCXOUT
This pin is the output control current generated by
a 8 bit DAC.
2.14 - Control Serial Interface
Access to the control register can be done only in
stable state fonctionality:
SUSPEND = "0".
2.14.1 - CTRLIN
This pin is used to program the internal registers.
The data burst is composed of 16 bits sampled at
CLKM when CLKWD = 1. The first bit is used as
start bit (’0’), the three LSBs being used to identify
the data contained in the twelve remaining bits.
The start bit b15 (b5 = 0) is transmitted first fol-
lowed by bits b[14:0]. At least 1 stop bit "1" need
to be provided to validate the data.
2.14.2 - CTRLOUT
This pin is the control register output. The burst
data on this pin is the value of the register
addressed by CTRLIN.
2.14.3 - CLKWD
This pin is the word clock used to sample the con-
trol information and equal to CLKM / 4.
2.14.4 - R/NW
This pin is used for the read and write operation
for the control interface and sampled at the same
time than bit b15 of CTRLIN.
2.14.5 - Digital Interface
The interface is a nibble serial interface running at
8.832MHz sampling frequency. The data are pre-
sented in 16bits format, and transferred in groups
of 4 bits (nibbles). The LSBs are transferred first.
Data is transmitted on the rising edge of the mas-
ter clock CLKM
2.14.6 - CLKM
This pin is the master clock equal to 35.328MHz
and is the sampling clock of the input / output
data.
2.14.7 - TX0, TX1, TX2, TX3
These pins are the digital transmit data input.
2.14.8 - RX0, RX1, RX2, RX3
These pins are the digital receive data output.
2.15 - Test
This pin is dedicated to put the ST70136 in test
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com