Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST70136
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST70136 Datasheet HTML 13Page - STMicroelectronics ST70136 Datasheet HTML 14Page - STMicroelectronics ST70136 Datasheet HTML 15Page - STMicroelectronics ST70136 Datasheet HTML 16Page - STMicroelectronics ST70136 Datasheet HTML 17Page - STMicroelectronics ST70136 Datasheet HTML 18Page - STMicroelectronics ST70136 Datasheet HTML 19Page - STMicroelectronics ST70136 Datasheet HTML 20Page - STMicroelectronics ST70136 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ST70136
17/24
Figure 8 : Tone Detector Schematic
5.5 - VCXO
Unless otherwise noted, typical specifications apply for AVdd = 5.0V, DVdd = 3.3V, temperature = 27°C.
A voltage controlled crystal oscillator is integrated in ST70136. Its nominal frequency is 35.328MHz. The
quartz crystal is connected between XTALI and XTALO pins.
Table 11 : Tone DetectorSpecifications
Description
Minimum
Typical
Maximum
Unit
Comments
Zin listening mode
3.5
5
6.5
k
Diffferential
Zin normal mode
350
500
650
k
Diffferential
Minimum differential input signal
15
µVp
Peak to peak
Maximum diffential input signal
VDD
In listening mode
VCM input
VDD/2
In listening mode
Figure 9 : DAC VCXO Schematic
G
ACTD
All cells are supplied with VDD except ESD diodes
VDDA6
VDDA6
TOP (PAD)
TON (PAD)
(PAD)
VCXOUT
PMOS
IVCO (PAD)
ANALOG
VREF
DIGITAL
VCO<7:0>
VCOCAP(PAD)
(PAD)
(from internal
register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com