Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST70136
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST70136 Datasheet HTML 15Page - STMicroelectronics ST70136 Datasheet HTML 16Page - STMicroelectronics ST70136 Datasheet HTML 17Page - STMicroelectronics ST70136 Datasheet HTML 18Page - STMicroelectronics ST70136 Datasheet HTML 19Page - STMicroelectronics ST70136 Datasheet HTML 20Page - STMicroelectronics ST70136 Datasheet HTML 21Page - STMicroelectronics ST70136 Datasheet HTML 22Page - STMicroelectronics ST70136 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ST70136
19/24
5.7 - Data and Control Timing Interface
TA = 0 to 70°C unless otherwise specified.
Figure 10 : Data and Control Timing Interface
Symbol
Description
Minimum
Typical
Maximum
Unit
Tva
Data valid time
04
ns
Ts
Data setup time
13
ns
Th
Data hold time
2ns
Tc
Word clock delay
0
4
ns
Fo
CLKM Frequency
35.328
MHz
CLKM clock duty cycle
40
60
%
To
CLKM period
28.3
ns
CLKM
CLKWD
Tc
RX[0:3]
TX[0:3]
Ts
Th
CTRLIN
Ts
Th
CTRLOUT
Tva
R/NW
Ts
Th
To
Tc
Tva



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com