Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST70136
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST70136 Datasheet HTML 6Page - STMicroelectronics ST70136 Datasheet HTML 7Page - STMicroelectronics ST70136 Datasheet HTML 8Page - STMicroelectronics ST70136 Datasheet HTML 9Page - STMicroelectronics ST70136 Datasheet HTML 10Page - STMicroelectronics ST70136 Datasheet HTML 11Page - STMicroelectronics ST70136 Datasheet HTML 12Page - STMicroelectronics ST70136 Datasheet HTML 13Page - STMicroelectronics ST70136 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ST70136
10/24
Figure 4 : Control Register Interface Read cycle
4.7.1 - AFE registers
4.7.1.1 - Rx Gain Control
This register is located at the address “000” and is used to program the gain in the receive path.
4.7.1.2 - Tx Gain Control
This register is located at the address “001” and is used to program the gain in the transmit path.
Table 2 : Rx Gain Control (address [b2:b0]=”000”)
Name
Pos.
Type
Def.
Description
GC[1:0]
14.13
R/W
00
bit14: selects External Gain Control
GC1
bit13: selects External Gain control
GC0
Other
12
R/W
0
Reserved
RxAGC
11..7
R/W
00000
Select internal gain for Receive amplifier
00000 : 0dB
11111 : 31dB
RxAtt
6..5
R/W
00
Receive attenuator
00 = 0dB
01 = -4dB
10 = -8dB
11 = -12dB
Other
4.3
R/W
00
Reserved
Table 3 : Tx Gain Control (address [b2:b0]=”001”)
Name
Pos.
Type
Def.
Description
TxAGC
14..11
R/W
0000
Select internal gain for Transmit amplifier
0000 : -15dB
1111 : 0dB
Other
10..3
R/W
0..0
Reserved
CLKM
CLKWD
Don’t care
[b2:b0]
CTRLIN
Data [b14:b3]
CTRLOUT
R/NW
b15
b15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com