Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST70136
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST70136 Datasheet HTML 7Page - STMicroelectronics ST70136 Datasheet HTML 8Page - STMicroelectronics ST70136 Datasheet HTML 9Page - STMicroelectronics ST70136 Datasheet HTML 10Page - STMicroelectronics ST70136 Datasheet HTML 11Page - STMicroelectronics ST70136 Datasheet HTML 12Page - STMicroelectronics ST70136 Datasheet HTML 13Page - STMicroelectronics ST70136 Datasheet HTML 14Page - STMicroelectronics ST70136 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ST70136
11/24
4.7.1.3 - Special Features Configuration
This register is located at the address “010” and is used to configure different blocks.
4.7.1.4 - VCXO Control
4.7.1.5 - Test Only Registers
They are presently located at address “100” to “101”.
4.7.1.6 - Tone Detection Threshold Setting Register
4.7.1.7 - Status Register & tone detector
This register can be used in the case of read / write registers.
Note: 1. R/W_clear: bit is resetted to 0 by writing 0.
Table 4 : Adsl Configuration (address [b2:b0]=”010”)
Name
Pos.
Type
Def.
Description
Reserved
14.13
R/W
00
Reserved
VCO-DAC
12
R/W
1
Enable the VCO DAC
1: enabled
0: disabled
Other
11.4
R/W
0..0
Reserved
FVCXO
3
R/W
0
Filtered VCXO output
1 : filtered
0 : not filtered
Table 5 : VCXO DAC Value (address [b2:b0]=”011”)
Name
pos.
type
def.
Description
DAC value
14..7
R/W
80H
8 bits for VCO DAC.
0...0 = min. current
1...1 = max current.
Others
6..3
R/W
0000
Reserved
Table 6 : Tone Detection Threshold Setting Register (address [b2:b0]=”110”)
Name
Pos.
Type
Def.
Description
Threshold Level
14..5
R/W
1000000000 Set the threshold of the tone detector
Reserved
4.3
R/W
00
Reserved
Table 7 : Status & Tone Detector Register (address [b2:b0]=”111”)
Name
Pos.
Type
Def.
Description
Receiver Clip indicator
14
R/W_clear 1
0
1: Receive Clipping occurred
Transceiver Clip indicator
13
R/W_clear
0
1: Transmit Clipping occurred
Sleeping Mode
12
R/W
0
0: disable tone detector in power down
1: enable tone detector in power down
Tone Detector
11
R/W
0
Tone detector frequency setting
0: standard ADSL (tone 40)
1: ADSL over ISDN (tone 72)
Debug Mode
10
R/W
0
When in normal mode “0” the CTRLOUT pin is in HIZ
and don’t care for R/W and the control access register
are always writing operation whatever on R/W pin.
When in debug mode “1” the CTRLOUT and R/W pins
are operating as defined in pin description chapter.
Software Reset
9
R/W
0
When set all registers are set to their default value
Reserved
8..3
R/W
0..0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com