Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST70136
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST70136 Datasheet HTML 10Page - STMicroelectronics ST70136 Datasheet HTML 11Page - STMicroelectronics ST70136 Datasheet HTML 12Page - STMicroelectronics ST70136 Datasheet HTML 13Page - STMicroelectronics ST70136 Datasheet HTML 14Page - STMicroelectronics ST70136 Datasheet HTML 15Page - STMicroelectronics ST70136 Datasheet HTML 16Page - STMicroelectronics ST70136 Datasheet HTML 17Page - STMicroelectronics ST70136 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ST70136
14/24
5 - SPECIFICATIONS
5.1 - Absolute Maximum Ratings
Supply Voltage(AVDD,DVDD)
-0.3V to 6V
Input Voltage
-0.3V to AVDD,DVDD + 0.3V
Input current per pin
-10mA to + 10mA
Output current per pin
-20mA to + 20mA
Storage Temperature
-65
°C to 150°C
ESD Protection
2000V
General DC Specification
5.2 - Characteristics for Digital Signals
TA = 0 to 70°C unless otherwise specified.
Parameter
Minimum
Typical
Maximum
Unit
AVDD
4.75
5
5.25
V
DVDD
3
3.3
3.6
V
- Active
Analog
Digital
Oscillator
75
10
2
85
30
5
mA
mA
mA
- Listening
Analog
Digital
Oscillator
10
1.1
0.6
11
1.7
1
µA
mA
mA
- Stand by
Analog
Digital
Oscillator
10
10
5
11
25
25
µA
µA
µA
Parameter
Type
Conditions
Minimum
Typical
Maximum
Unit
Iil
Low level input current
DI
Vi = 0v
-1
1
µA
Iih
High level input current
DI
Vi = VDD
-1
1
µA
Ioz
Tri-state output leakage
DIO
Vo = 0v or VDD
-1
1
µA
Vih
Input high voltage
DI, DIO
0.8 x VDD
V
Vil
Input low voltage
DI, DIO
0.2 x VDD
V
Voh
high level output voltage
DO
Ioh = 2mA
0.4
V
Vol
low level output voltage
DO
Iol = 2mA
0.85 x VDD
V
Col
Output load capacitance
DO
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com