Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392B1 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST6392B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392B1 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST6392B1 Datasheet HTML 60Page - STMicroelectronics ST6392B1 Datasheet HTML 61Page - STMicroelectronics ST6392B1 Datasheet HTML 62Page - STMicroelectronics ST6392B1 Datasheet HTML 63Page - STMicroelectronics ST6392B1 Datasheet HTML 64Page - STMicroelectronics ST6392B1 Datasheet HTML 65Page - STMicroelectronics ST6392B1 Datasheet HTML 66Page - STMicroelectronics ST6392B1 Datasheet HTML 67Page - STMicroelectronics ST6392B1 Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
PACKAGE MECHANICAL DATA
Figure 67. ST639x 42 Pin Plastic Dual-In-line Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.08
0.200
A1
0.51
0.020
B
0.35
0.59
0.014
0.023
B1
0.75
1.42
0.030
0.056
C
0.20
0.36
0.008
0.014
D
36.32
39.12 1.430
1.540
D1
––––––
E
18.54
0.730
E1
13.72
0.540
K1
––––––
K2
––––––
L
2.54
3.81
.100
0.150
e1
1.78
0.070
Number of Pins
N42
ORDERING INFORMATION
The following chapter deals with the procedure for
transfer the Program/Data ROM codes to SGS-
THOMSON.
Communication of the ROM Codes. To commu-
nicate the contents of Program /Data ROM memo-
ries to SGS-THOMSON, the customer has to send
a 5” Diskette with:
– one file in INTEL INTELLEC 8/MDS FORMAT
for the PROGRAM Memory
– one file in INTEL INTELLEC 8/MDS FORMAT
for the ODD and EVEN ODD OSD Characters
– one file in INTEL INTELLEC 8/MDS FORMAT
for the EEPROM initial content
(this file is optional)
– a filled Option List form as described in the
OPTION LIST paragraph.
The program ROM should respect the ROM Mem-
ory Map as in Table 22.
The ROM code must be generated with ST6 as-
sembler. Before programming the EPROM, the
buffer of the EPROM programmer must be filled
with FFh.
®
ST6391,92,93,95,97,99
61/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com