Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392B1 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST6392B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392B1 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST6392B1 Datasheet HTML 28Page - STMicroelectronics ST6392B1 Datasheet HTML 29Page - STMicroelectronics ST6392B1 Datasheet HTML 30Page - STMicroelectronics ST6392B1 Datasheet HTML 31Page - STMicroelectronics ST6392B1 Datasheet HTML 32Page - STMicroelectronics ST6392B1 Datasheet HTML 33Page - STMicroelectronics ST6392B1 Datasheet HTML 34Page - STMicroelectronics ST6392B1 Datasheet HTML 35Page - STMicroelectronics ST6392B1 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
TIMERS
The ST639x devices offer two on-chip Timer periph-
erals consisting of an 8-bit counter with a 7-bit pro-
grammable prescaler, thus giving a maximum count
of 2
15, and a control logic that allows configuring the
peripheral operating mode. Figure 32 shows the
timer block diagram. The content of the 8-bit count-
ers can be read/written in the Timer/Counter regis-
ters TCR that can be addressed in the data space as
RAM location at addresses D3h (Timer 1) and DBh
(Timer 2). The state of the 7-bit prescaler can be
read in the PSC register at addresses D2h (Timer 1)
and DAh (Timer 2). The control logic is managed by
TSCR registers at D4h (Timer 1) and DCh (Timer 2)
addresses as described in the following paragraphs.
The following description applies to both Timer 1
and Timer 2. The 8-bit counter is decrement by the
output (rising edge) coming from the 7-bit pres-
caler and can be loaded and read under program
control. When it decrements to zero then the TMZ
(timer zero) bit in the TSCR is set to one. If the ETI
(enable timer interrupt) bit in the TSCR is also set
to one an interrupt request, associated to interrupt
vector #3 (for Timer 1) and #1 for Timer 2, is gener-
ated. The interrupt of the timer can be used to exit
the MCU from the WAIT mode.
The prescaler decrements on rising edge. The
prescaler input is the oscillator frequency divided
by 12.
Depending on the division factor programmed by
PS2/PS1/PS0 (see Table 9) bits in the TSCR, the
clock input of the timer/counter register is multi-
plexed to different sources.
On division factor 1, the clock input of the prescaler is
also that of timer/counter; on factor 2, bit 0 of prescaler
register is connectedto the clock input of TCR.
This bit changes its state with the half frequency of
prescaler clock input. On factor 4, bit 1 of PSC is
connected to clock input of TCR, and so on. On di-
vision factor 128, the MSB bit 6 of PSC is con-
nected to clock input of TCR. The prescaler
initialize bit (PSI) in the TSCR register must be set
to one to allow the prescaler (and hence the
counter) to start. If it is cleared to zero then all of
the prescaler bits are set to one and the counter is
inhibited from counting.
The prescaler can be given any value between 0
and 7Fh by writing to the related register address,
if bit PSI in the TSCR register is set to one. The tap
of the prescaler is selected using the PS2/PS1/PS0
bits in the control register. Figure 33 shows the
timer working principle.
Figure 32. Timer Peripheral Block Diagram
®
ST6391,92,93,95,97,99
28/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com