Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392B1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST6392B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392B1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST6392B1 Datasheet HTML 51Page - STMicroelectronics ST6392B1 Datasheet HTML 52Page - STMicroelectronics ST6392B1 Datasheet HTML 53Page - STMicroelectronics ST6392B1 Datasheet HTML 54Page - STMicroelectronics ST6392B1 Datasheet HTML 55Page - STMicroelectronics ST6392B1 Datasheet HTML 56Page - STMicroelectronics ST6392B1 Datasheet HTML 57Page - STMicroelectronics ST6392B1 Datasheet HTML 58Page - STMicroelectronics ST6392B1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
To avoid a bad visual impression, it is important
that the GE bit is set before the end of the flyback
time when changing characters. This can be done
inside the VSYNC interrupt routine. The following
diagram can explain better:
Notes: A - Picture time: 20 mS in PAL/SECAM.
B - VSYNC interrupt, if enabled.
C - Starting of OSD oscillator, if GE = 1.
D - Flyback time.
When modifying the picture display (i.e.: a bar
graph for an analog control), it is important that the
switching on of the GE bit is done before the the
end of the flyback time (D in Figure 66). If the GE
bit is set after the end of the flyback time then the
OSD will not start until the begining of the next
frame. This results in one frame being lost and will
result in a Flicker on the screen. One method to be
sure to avoid the flicker is to wait for the VSYNC in-
terrupt at the start of the flyback; once the VSYNC
interrupt is detected, then the GE bit can be set to
zero, the characters changed, and the GE set to
one. All this should occur before the end of the fly-
back time in order not to lose a frame. The correct
edge of the interrupt must be chosen.
ON-SCREEN DISPLAY (Continued)
The VSYNC pin may alternatively be sampled by
software in order to know the status; this can be
done by reading bit 4 of register E4h; this bit is in-
verted with respect to the VSYNC pin.
6 - An OSD end of line Bar is present in the
ST63P9x piggyback and ST639x ROM, EPROM
and OTP devices when using the background
mode. If this bar is present with software running in
the piggybacks then it is also present on the ROM
mask version. If the end of line bar is seen to be
eliminated by software in the piggyback, then it is
also be eliminated in the ROM mask version.
The bar appears at the end of the line in the back-
ground mode when the last character is a space
character, the first format character is defined with
S=0 (size 0)and the backround is not displayed
during the space. The bar is the colour of the back-
ground defined by the space character. To elimi-
nate the bar:
a. If two backgrounds are used then the bar
should be moved off the screen by using large
word spaces instead of character spaces. If
there are not enough spaces before the end of
the line, then the location of the valid charac-
ters should be moved so they appear at the
end of the line (and hence no bar); positioning
can be compensated using the horizontal start
register.
b. If only one background is used, then the other
background should be transparent in order to
eliminate the bar.
7 - The OSD oscillator external network should
consist of a capacitor on each of the OSD oscillator
pins to ground together with an inductance be-
tween pins. The user should select the two capaci-
tors to be the same value (15pF to 25pF each is
recommended). The inductance is chosen to give
the desired OSD oscillator frequency for the appli-
cation (typically 56
µH).
Figure 66. OSD Oscillator ON/OFF Timing
®
ST6391,92,93,95,97,99
51/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com