Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392B1 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST6392B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392B1 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST6392B1 Datasheet HTML 60Page - STMicroelectronics ST6392B1 Datasheet HTML 61Page - STMicroelectronics ST6392B1 Datasheet HTML 62Page - STMicroelectronics ST6392B1 Datasheet HTML 63Page - STMicroelectronics ST6392B1 Datasheet HTML 64Page - STMicroelectronics ST6392B1 Datasheet HTML 65Page - STMicroelectronics ST6392B1 Datasheet HTML 66Page - STMicroelectronics ST6392B1 Datasheet HTML 67Page - STMicroelectronics ST6392B1 Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
Customer EEPROM Initial Contents:
Format
a. The content should be written into an INTEL
INTELLEC format file.
b. In the case of 384 bytes of EEPROM, the start-
ing addressis 000h and the end address is 7Fh.
The order of the pages (64 bytes each) is an in
the specification (ie. b7, b1 b0: 001, 010, 011,
101, 110. 111).
c. Undefined or don’t care bytes should have the
content FFH.
OSD Test Character. IN ORDER TO ALLOW THE
TESTING OF THE ON-CHIP OSD MACROCELL
THE FOLLOWING CHARACTER MUST BE PRO-
VIDED AT THE FIXED 3Fh (63) POSITION OF
THE SECOND OSD BANK.
Listing Generation & Verification. When SGS-
THOMSON receives the files, a computer listing is
generated from them. This listing refers extractly to
the mask that will be used to produce the microcon-
troller. Then the listing is returned to the customer
Figure 68. OSD Test Character
ROM Page
Device
Address
EPROM
Address
(1)
Description
Page 0
0000h-007Fh
0080h-07FFh
0000h-007Fh
0080h-07FFh
Reserved
User ROM
Page 1
“STATIC”
0800h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
0800h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Vector
Reset Vector
Page 2
0000h-000Fh
0010h-07FFh
1000h-100Fh
1010h-17FFh
Reserved
User ROM
PAGE 3
0000h-000Fh
0010h-07FFh
1800h-180Fh
1810h-1FFFh
Reserved
user ROM
Page 4
0000h-000Fh
0010h-07FFh
2000h-200Fh
2010h-27FFh
Reserved
User ROM
Page 5
0000h-000Fh
0010h-07FFh
2800h-280Fh
2810h-2FFFh
Reserved
User ROM
Page 6
0000h-000Fh
0010h-07FFh
3000h-300Fh
3010h-37FFh
Reserved
User ROM
Page 7
0000h-000Fh
0010h-07FFh
3800h-380Fh
3810h-3FFFh
Reserved
User ROM (End of 16K)
Page 8
0000h-000Fh
0010h-07FFh
4000h-400Fh
4010h-47FFh
Reserved
User ROM
Page 9
0000h-000Fh
0010h-07FFh
4800h-480Fh
4810h-4FFFh
Reserved
User ROM (End of 20K)
Note 1. EPROM addresses are related to the use of ST63P9X piggyback emulation devices.
Table 22. ROM Memory Map
that must thoroughly check, complete, sign and
return it to SGS-THOMSON. The signed list consti-
tutes a part of the contractual agreement for the
creation of the customer mask. SGS-THOMSON
sales organization will provide detailed information
on contractual points.
®
ST6391,92,93,95,97,99
62/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com