Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392B1 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST6392B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392B1 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST6392B1 Datasheet HTML 47Page - STMicroelectronics ST6392B1 Datasheet HTML 48Page - STMicroelectronics ST6392B1 Datasheet HTML 49Page - STMicroelectronics ST6392B1 Datasheet HTML 50Page - STMicroelectronics ST6392B1 Datasheet HTML 51Page - STMicroelectronics ST6392B1 Datasheet HTML 52Page - STMicroelectronics ST6392B1 Datasheet HTML 53Page - STMicroelectronics ST6392B1 Datasheet HTML 54Page - STMicroelectronics ST6392B1 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
D7. This bit is not used
FR. Fringe Background.This bit changes the back-
ground from a box background to a fringe back-
ground. The background is enabled by word as
defined by either BG0 or BG1.
“0” -The background is defined to be a box which is
7 x 9 dots.
“1” -The background is defined to be a fringe.
VSA5-VSA0. Vertical Start Address. These bits
determine the start position of the first line in the
vertical direction. The 6 bits can specify 63 display
start positions of interval 4H. The first start position
will be the fourth line of the display. The vertical
start address is defined VSA0 by the following for-
mula.
Vertical Start Address = 4H(2
5(VSA5) + 24(VSA4)
+2
3(VSA3) + 22(VSA2) + 21(VSA1) + 20(VSA0))
The case of all Vertical Start Address bits being
zero is illegal.
D7. This bit is not used.
SBD. Space Blanking Disable. This bit controls
whether or not the background is displayed when
outputting spaces. If two background colours are
used on adjacent words, then the background
should not be displayed on spaces in order to
make a nice break between colours. If an even
background around an area of text is desired, as in
a menu, then the background should be displayed
when outputting spaces.
“0” -The background during spaces is controlled by
the background enable bits (BG0 and BG1) lo-
cated in the Background Control register.
“1” -The background is not displayed when output-
ting spaces.
HSA5, HSA0 - Horizontal Start Address bits.
These bits determine the start position of the first
character in the horizontal direction. The 6 bits can
specify 64 display start positions of interval 2/fosc or
400ns. The first start position will be at 4.0
µs be-
cause of the time need ed to access RAM and
ROM before the first character can be displayed.
The horizontal start address is defined by the fol-
lowing formula.
Horizontal Start Address = 2/fosc(10.0 + 2
5(HSA5)
+2
4(HSA4) + 23(HSA3) + 22(HSA2) + 21(HSA1) +
2
0(HSA0))
ON-SCREEN DISPLAY (Continued)
VSAR
Vertical Start Address Register
(10h - Page 6, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
VSA5-VSA0 = Vertical Start
Address bits
FR = Fringe Backround
Control bit
Unused
Figure 60. Vertical Start Address Register
HSAR
Horizontal Start Address Register
(11h - Page 6, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
HSA5-HSA0 = Horizontal Start
Address bits
SBD = Space Blanking
Disabled bit
Unuse d
Figure 61. Horizontal Start Address Register
®
ST6391,92,93,95,97,99
47/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com