Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392B1 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST6392B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392B1 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST6392B1 Datasheet HTML 30Page - STMicroelectronics ST6392B1 Datasheet HTML 31Page - STMicroelectronics ST6392B1 Datasheet HTML 32Page - STMicroelectronics ST6392B1 Datasheet HTML 33Page - STMicroelectronics ST6392B1 Datasheet HTML 34Page - STMicroelectronics ST6392B1 Datasheet HTML 35Page - STMicroelectronics ST6392B1 Datasheet HTML 36Page - STMicroelectronics ST6392B1 Datasheet HTML 37Page - STMicroelectronics ST6392B1 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
PS2
PS1
PS0
Divided By
00
0
1
00
1
2
01
0
4
01
1
8
10
016
10
132
11
064
1
1
1
128
Table 9. Prescaler Division Factors
TSCR
Imer 1&2 Status Control Registers
DAh Timer 1, DCh Timer 2,
Read/ Write
D7 D6 D5 D4 D3 D2 D1 D0
PS0 = Prescaler Mux. Select
PS1 = Prescaler Mux. Select
PS2 = Prescaler Mux. Select
PSI = Prescaler Initialize Bit
D4 = Timers Enable Bit
*
D5 = Timers Enable Bit
*
ETI = Enable Timer Inte rrupt
TMZ = Timer Zero Bit
* Only Available in TSCR1
Figure 34. Timer Status Control Registers
TIMERS (Continued)
TMZ. Low-to-high transition indicates that the timer
count register has decrement to zero. This bit must
be cleared by user software before to start with a
new count.
ETI. This bit, when set, enables the timer interrupt
(vector #3 for Timer 1, vector #1 for Timer 2) request.
If ETI=0 the timer interrupt is disabled. If ETI= 1 and
TMZ= 1 an interrupt request is generated.
D5. This is the timers enable bit D5. It must be
cleared to 0 together with a set to 1 of bit D4 to en-
able both Timer 1 and Timer 2 functions. It is not
implemented on TSCR2 register.
D4. This is the timers enable bit D4. This bit must
be set to 1 together with a clear to 0 of bit D5 to en-
able both Timer 1 and Timer 2 functions. It is not
implemented on TSCR2 register.
D5
D4
Timers
0
0
Disabled
0
1
Enabled
1
X
Reserved
PS1. Used to initialize the prescaler and inhibit its
countingwhile PSI = 0 the prescaler is set to 7Fh and
the counter is inhibited. When PSI = 1 the prescaler
is enabled to count downwards. As long as PSI= 0
both counter and prescaler are not running.
PS2-PS0. These bits select the division ratio of the
prescaler register. (see Table 9)
The TSCR1 and TSCR2 registers are cleared on
reset. The correct D4-D5 combination must be
written in TSCR1 by user’s software to enable the
operation of Timer 1 and Timer 2.
TCR
Timer Counter 1&2 Register
D3h Timer 1, DBh Timer 2, Read/ Write
D7 D6 D5 D4 D3 D2 D1 D0
D7 - D0 = Counter bits
Figure 35. Timer Counter Registers
PSC
TimerPrescaler 1&2 Register
D2h Timer 1, DAh Timer 2, Read/ Write
D7 D6 D5 D4 D3 D2 D1 D0
D6 - D0 = Prescaler bits
Always read as “0”
Figure 36. Timer Counter Registers
®
ST6391,92,93,95,97,99
30/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com