Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392B1 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST6392B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392B1 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST6392B1 Datasheet HTML 55Page - STMicroelectronics ST6392B1 Datasheet HTML 56Page - STMicroelectronics ST6392B1 Datasheet HTML 57Page - STMicroelectronics ST6392B1 Datasheet HTML 58Page - STMicroelectronics ST6392B1 Datasheet HTML 59Page - STMicroelectronics ST6392B1 Datasheet HTML 60Page - STMicroelectronics ST6392B1 Datasheet HTML 61Page - STMicroelectronics ST6392B1 Datasheet HTML 62Page - STMicroelectronics ST6392B1 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
SOFTWARE DESCRIPTION (Continued)
Conditional Branch. The branch instructions
achieve a branch in the program when the selected
condition is met. See Table 18.
Bit Manipulation Instructions. These instructions
can handle any bit in data space memory. One
group either sets or clears. The other group (see
Conditional Branch) performs the bit test branch
operations. See Table 19.
Control Instructions. The control instructions
control the MCU operations during program execu-
tion. See Table 20.
Jump and Call. These two instructions are used to
perform long (12-bit) jumps or subroutines call
inside the whole program space. Refer to Table 21.
Instruction
Branch If
Bytes
Cycles
Flags
ZC
JRC e
C = 1
1
2
*
*
JRNC e
C = 0
1
2
*
*
JRZ e
Z = 1
1
2
*
*
JRNZ e
Z = 0
1
2
*
*
JRR b, rr, ee
Bit = 0
3
5
*
∆
JRS b, rr, ee
Bit = 1
3
5
*
∆
Notes:
b.
3-bit address
rr.
Data space register
e.
5 bit signed displacement in the range -15 to +16
∆
. Affected
ee. 8 bit signed displacement in the range -126 to +129
* .
Not Affected
Table 18. Conditional Branch Instructions
Instruction
Addressing
Mode
Bytes
Cycles
Flags
ZC
SET b,rr
Bit Direct
2
4
*
*
RES b,rr
Bit Direct
2
4
*
*
Notes:
b.
3-bit address;
* . Not Affected
rr.
Data space register;
Table 19. Bit Manipulation Instructions
Instruction
Addressing
Mode
Bytes
Cycles
Flags
ZC
NOP
Inherent
1
2
*
*
RET
Inherent
1
2
*
*
RETI
Inherent
1
2
∆∆
STOP (1)
Inherent
1
2
*
*
WAIT
Inherent
1
2
*
*
Notes:
1.
This instruction is deactivated and a WAITis automatically executed instead of a STOP if the hardware activated
watchdog function is selected.
∆ . Affected
* . Not Affected
Table 20. Control Instructions
Instruction
Addressing
Mode
Bytes
Cycles
Flags
ZC
CALL abc
Extended
2
4
*
*
JP abc
Extended
2
4
*
*
Notes:
abc.12-bit address;
* . Not Affected
Table 21. Jump & Call Instructions
®
ST6391,92,93,95,97,99
55/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com