Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392B1 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST6392B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392B1 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST6392B1 Datasheet HTML 22Page - STMicroelectronics ST6392B1 Datasheet HTML 23Page - STMicroelectronics ST6392B1 Datasheet HTML 24Page - STMicroelectronics ST6392B1 Datasheet HTML 25Page - STMicroelectronics ST6392B1 Datasheet HTML 26Page - STMicroelectronics ST6392B1 Datasheet HTML 27Page - STMicroelectronics ST6392B1 Datasheet HTML 28Page - STMicroelectronics ST6392B1 Datasheet HTML 29Page - STMicroelectronics ST6392B1 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
RESET
IS RESET
STILL PRESENT ?
YES
NO
VA000427
NMI MASK SET
INT LATCH CLEARED
( IF PRESENT )
SELECT
NMI MODE FLAGS
PUT FFEh
ON ADDRESS BUS
LOAD PC
FROM RESET LOCATIONS
FFE / FFF
FETCH INSTRUCTION
Figure 23. Reset & Interrupt Processing
Flow-Chart
JP
RESET VECTOR
INITIALIZATION
ROUTINE
JP: 2 BYTES/4 CYCLES
RETI: 1BYTES/2 CYCLES
RETI
VA 000181
RESET
Figure 24. Restart Initialization Program
Flow-Chart
MCU Initialization Sequence
When a reset occurs the stack is reset to program
counter, the PC is loaded with the address of the
reset vector (located in the program ROM at ad-
dresses FFEh & FFFh). A jump instruction to the
beginning of the program has to be written into
these locations. After a reset the interrupt mask is
automatically activated so that the Core is in non-
maskable interrupt mode to prevent false or ghost
interrupts during the restart phase. Therefore the
restart routine should be terminated by a RETI in-
struction to switch to normal mode and enable in-
terrupts. If no pending interrupt is present at the
end of the reset routine, the ST639x will continue
with the instruction after the RETI; otherwise the
pending interrupt will be serviced.
RESET Low Power Mode
(ST6392 and ST6399 only)
When the reset pin is low, the quartz oscillator is
Disabled allowing reduced current consumption.
When the reset pin is raised the quartz oscillator is
enabled and oscillations will start to build up.The
internal reset circuitry will count 2048 clocks on the
oscillator pin before allowing the MCU to go out of
the reset state; the clocks are after a schmitt trigger
so that false or multiple counts are not possible.
RESET (Continued)
®
ST6391,92,93,95,97,99
22/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com