Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K2 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST72141K2
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST72141K2 Datasheet HTML 63Page - STMicroelectronics ST72141K2 Datasheet HTML 64Page - STMicroelectronics ST72141K2 Datasheet HTML 65Page - STMicroelectronics ST72141K2 Datasheet HTML 66Page - STMicroelectronics ST72141K2 Datasheet HTML 67Page - STMicroelectronics ST72141K2 Datasheet HTML 68Page - STMicroelectronics ST72141K2 Datasheet HTML 69Page - STMicroelectronics ST72141K2 Datasheet HTML 70Page - STMicroelectronics ST72141K2 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 132 page
background image
ST72141K
67/132
MOTOR CONTROLLER (Cont’d)
8.1.7 Register Description
TIMER COUNTER REGISTER (MTIM)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = T[7:0]:
MTIM Counter Value.
These bits contain the current value of the 8-bit up
counter.
CAPTURE Zn-1 REGISTER (MZPRV)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = ZP[7:0]:
Previous Z Value.
These bits contain the previous captured BEMF
value (ZN-1).
CAPTURE Zn REGISTER (MZREG)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = ZC[7:0]:
Current Z Value.
These bits contain the current captured BEMF val-
ue (ZN).
COMPARE Cn+1 REGISTER (MCOMP)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = DC[7:0]:
Next Compare Value.
These bits contain the compare value for the next
commutation (CN+1).
DEMAGNETIZATION REGISTER (MDREG)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = DN[7:0]:
D Value.
These bits contain the compare value for software
demagnetization (DN) and the captured value for
hardware demagnetization (DH).
AN WEIGHT REGISTER (MWGHT)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = AN[7:0]:
A Weight Value.
These bits contain the AN weight value for the mul-
tiplier. In autoswitched mode the MCOMP register
is automatically loaded with:
when a Z event occurs.
(*) depending on the DCB bit in the MCRA regis-
ter.
PRESCALER & SAMPLING REGISTER
(MPRSR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:4 = SA[3:0]:
Sampling Ratio.
These bits contain the sampling ratio value for cur-
rent mode. Refer to Table 23.
Bits 3:0 = ST[3:0]:
Step Ratio.
These bits contain the step ratio value. It acts as a
prescaler for the MTIM timer and is auto incre-
mented/decremented with each R+ or R- event.
Refer to Table 20.
70
T7
T6
T5
T4
T3
T2
T1
T0
70
ZP7ZP6
ZP5ZP4
ZP3ZP2
ZP1ZP0
70
ZC7
ZC6
ZC5
ZC4
ZC3
ZC2
ZC1
ZC0
70
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0
70
DN7
DN6
DN5
DN4
DN3
DN2
DN1
DN0
70
AN7AN6
AN5AN4
AN3AN2
AN1
AN0
70
SA3
SA2
SA1
SA0
ST3
ST2
ST1
ST0
Zn x MWGHT
32(d)
or
Z
N
-1 x MWGHT
32(d)
(*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com