Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K2 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST72141K2
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST72141K2 Datasheet HTML 46Page - STMicroelectronics ST72141K2 Datasheet HTML 47Page - STMicroelectronics ST72141K2 Datasheet HTML 48Page - STMicroelectronics ST72141K2 Datasheet HTML 49Page - STMicroelectronics ST72141K2 Datasheet HTML 50Page - STMicroelectronics ST72141K2 Datasheet HTML 51Page - STMicroelectronics ST72141K2 Datasheet HTML 52Page - STMicroelectronics ST72141K2 Datasheet HTML 53Page - STMicroelectronics ST72141K2 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 132 page
background image
ST72141K
50/132
MOTOR CONTROLLER (Cont’d)
Sensor Mode
In sensor mode, the rotor position information is
given to the peripheral by means of logical data on
the three inputs MCIA, MCIB and MCIC.
For each step one of these three inputs is selected
(IS[1:0] bits in register MPHST) in order to detect
the Z event.
In this case Demagnetization has no meaning and
the relevant features such as the special PWM
configuration, DS or DH management, 20-µs filter;
are not available (see Table 14).
For this configuration the rotor detection doesn’t
need a particular phase configuration to validate
the measurement and a Z event can be read from
any detection window. A fixed sampling frequency
(800 kHz) is used, that means the Z event and po-
sition sensoring is more precise than it is in sen-
sorless mode.
The minimum off time for current control PWM is
also reduced to 1.25
µs.
Procedure for reading sensor inputs in Direct
Access mode: In Direct Access mode, the periph-
eral clock is disabled as shown in Table 25. As the
data present on the selected input is synchronized
by a 800 kHz clock, the sensor can’t be read di-
rectly (the value is latched). To read the sensor
data the following steps have to be performed:
1. Select the appropriate MCIx input pin by means
of the IS[1:0] bits in the MPHST register
2. Switch from direct access mode to indirect
access mode in order to latch the sensor data
(DAC bit in MCRA register).
3. Switch back to direct access mode.
4. Read the comparator output (HST bit in the
MIMR register)
Table 14. Sensor mode selection
SR bit
Mode
OS2 bit use
Event detection
sampling clock
Filtering
Behaviour of the output
PWM
0
Sensors not
used
Enabled
D: Clock 1.25
µs
Z: SA&OT config.
20
µs after C for D event
20
µs after D for Z event
“Before D” behaviour
& “after D” behaviour
1
Sensors
used
Disabled
Z: Clock 1.25
µs20µs after C for Z event
Only “after D” behaviour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com