Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K2 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST72141K2
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST72141K2 Datasheet HTML 67Page - STMicroelectronics ST72141K2 Datasheet HTML 68Page - STMicroelectronics ST72141K2 Datasheet HTML 69Page - STMicroelectronics ST72141K2 Datasheet HTML 70Page - STMicroelectronics ST72141K2 Datasheet HTML 71Page - STMicroelectronics ST72141K2 Datasheet HTML 72Page - STMicroelectronics ST72141K2 Datasheet HTML 73Page - STMicroelectronics ST72141K2 Datasheet HTML 74Page - STMicroelectronics ST72141K2 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 132 page
background image
ST72141K
71/132
MOTOR CONTROLLER (Cont’d)
PHASE STATE REGISTER (MPHST)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = IS[1:0]*:
Input Selection bits
These bits select the input to connect to compara-
tor as shown in the following table:
Table 33. Input Channel Selection
Bits 5:0 =OO[5:0]*: Channel On/Off bits
These bits are used to switch channels on/off at
the next C event if the DAC bit =0 or directly if
DAC=1
0: Channel Off, the relevant switch is OFF, no
PWM possible
1: Channel On the relevant switch is ON, PWM is
possible.
Table 34. OO[5:0] Bit Meaning
* Preload bits, new value taken into account at
next C event.
PARITY REGISTER (MPAR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = ZVD:
Z vs D edge polarity.
0: Zero-crossing and End of Demagnetisation
have opposite edges
1: Zero-crossing and End of Demagnetisation
have same edge
Bit 6 = REO:
Read on Even or Odd channel bit
0: Read the BEMF signal during the off time on
even channels
1: Read on odd channels
Bits 5:0 = OE[5:0]:
Output Parity Mode.
0: Output channel is Even
1: Output channel Odd
POLARITY REGISTER (MPOL)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = OT[1:0]:
Off Time selection.
These bits are used to select the off time in sen-
sorless mode as shown in the following table.
Table 35. Off-Time bit Meaning
Bits 5:0 = OP[5:0]:
Output channel polarity.
These bits are used together with the OO[5:0] bits
in the MPHST register to control the output chan-
nels.
0: Output channel is Active Low
1: Output channel is Active High.
Table 36. Output Channel State Control
70
IS1*
IS0*
OO5*
OO4*
OO3*
OO2*
OO1*
OO0*
IS1
IS0
Channel selected
0
0
MCIA
0
1
MCIB
1
0
MCIC
1
1
Not Used
OO[5:0]
Output Channel State
0
Inactive
1
Active
70
ZVD
REO
OE5OE4
OE3OE2
OE1OE0
70
OT1
OT0
OP5
OP4
OP3
OP2
OP1
OP0
OT1
OT0
Off-Time
Sensorless
Mode (SR=0)
Off-Time
Sensor Mode
(SR=1)
00
5
µs
1.25
µs
0
1
10
µs
1
0
15
µs
1
1
30
µs
OP[5:0] bit
OO[5:0] bit
MCO[5:0] pin
0
0
1 (Off)
0
1
0 (PWM possible)
1
0
0 (Off)
1
1
1 (PWM possible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com