Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K2 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST72141K2
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST72141K2 Datasheet HTML 65Page - STMicroelectronics ST72141K2 Datasheet HTML 66Page - STMicroelectronics ST72141K2 Datasheet HTML 67Page - STMicroelectronics ST72141K2 Datasheet HTML 68Page - STMicroelectronics ST72141K2 Datasheet HTML 69Page - STMicroelectronics ST72141K2 Datasheet HTML 70Page - STMicroelectronics ST72141K2 Datasheet HTML 71Page - STMicroelectronics ST72141K2 Datasheet HTML 72Page - STMicroelectronics ST72141K2 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 132 page
background image
ST72141K
69/132
MOTOR CONTROLLER (Cont’d)
Table 27. Step Ratio Update
CONTROL REGISTER A (MCRA)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = MOE:
Output Enable bit.
0: Outputs and Clocks disabled
1: Outputs and Clocks enabled
Bit 6 = RST:
Reset MTC registers.
Software can set this bit to reset all MTC registers
without resetting the ST7.
0: No MTC register reset
1: Reset all MTC registers
Bit 5 = SR:
Sensor ON/OFF.
0: Sensorless mode
1: Sensor mode
Table 28. Sensor Mode Selection
Bit 4 = DAC:
Direct Access to phase state register.
0: No Direct Access (reset value). In this mode all
the registers with a preload register are taken
into account at the C event.
1: Direct Access enabled. In this mode, write a val-
ue in the MPHST register to access the outputs
directly. All other registers with a preload regis-
ter are taken into account at the same time.
Table 29. DAC Bit Meaning
Note 1: When the MTC clock is disabled, the
MTIM counter is not reset but as in this case it is in
write access, a reset can be done by software.
Note 2: In direct access mode, only logical levels
(0 or 1) can be output on the MCOx pins. There is
no PWM signal generation in this mode.
Bit 3 = V0C1:
Voltage/Current Mode
0: Voltage Mode
1: Current Mode
Bit 2 = SWA:
Switched/Autoswitched Mode
0: Switched Mode
1: Autoswitched Mode
Table 30. Switched and Autoswitched Modes
Bit 1 = CFF:
Current Feedback Filter
0: Current Feedback Filter disabled
1: Current Feedback Filter enabled
Bit 0 = DCB:
Data Capture bit
0: Use MZPRV (ZN-1) for multiplication
1: Use MZREG (ZN) for multiplication
MOE
bit
SWA
bit
Clock
State
Read
Ratio
Increment
(Slow Down)
Ratio
Decrement
(Speed-Up)
0x
Disa-
bled
Al-
ways
possi-
ble
Write the ST[3:0] value di-
rectly in the MPRSR register
10
Ena-
bled
Set RPI bit in
the MISR reg-
ister till next
commutation
Set RMI bit in
the MISR reg-
ister till next
commutation
11
Ena-
bled
Updated automatically ac-
cording to MZREG value
70
MOE
RST
SR
DAC
V0C1
SWA
CFF
DCB
MOE bit
MCO[5:0] Output pin
State
0
Tristate
1
Output enabled
SR
bit
Mode
OS2 bit
enable
Behaviour of the output
PWM
0
Sensors not
used
OS2
enabled
“Before D” behaviour & “af-
ter D” behaviour
1
Sensors
used
OS2
disabled
Only “after D” behaviour
MOE
bit
DAC
bit
Effect on Output
Effect on MTIM
Timer
0
x
High Z
Clock disabled
10
Standard
running mode
Standard running
mode
11
MPHST register value
(depending on MPOL
register value)
Clock disabled
SWA
bit
Commutation Type
MCOMP Register
access
0
Switched mode
Read/Write
1
Autoswitched mode
Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com