Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST72141K2
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST72141K2 Datasheet HTML 40Page - STMicroelectronics ST72141K2 Datasheet HTML 41Page - STMicroelectronics ST72141K2 Datasheet HTML 42Page - STMicroelectronics ST72141K2 Datasheet HTML 43Page - STMicroelectronics ST72141K2 Datasheet HTML 44Page - STMicroelectronics ST72141K2 Datasheet HTML 45Page - STMicroelectronics ST72141K2 Datasheet HTML 46Page - STMicroelectronics ST72141K2 Datasheet HTML 47Page - STMicroelectronics ST72141K2 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
ST72141K
44/132
MOTOR CONTROLLER (Cont’d)
8.1.4 Functional Description
The MTC can be split into four main parts as
shown in the simplified block diagram in Figure 28.
– The BEMF ZERO-CROSSING DETECTOR with
a comparator and an input multiplexer.
– The DELAY MANAGER with an 8-bit timer
(MTIM) and an 8x8 bit multiplier.
– The PWM MANAGER, including a measurement
window generator, a mode selector and a current
comparator.
– The CHANNEL MANAGER with the PWM multi-
plexer, polarity programming capability and
emergency HiZ configuration input.
8.1.4.1 Input Detection Block
This block can operate in sensor mode or sensor-
less mode. The mode is selected via the SR bit in
the MCRA register. The block diagram is shown in
Figure 29.
Figure 28. Simplified MTC Block Diagram
MCIA
MCIB
MCIC
BEMF=0
MCO5
MCO4
MCO3
MCO2
MCO1
MCO0
TIMER
DELAY = WEIGHT x Zn
MCCFI
OCP1A
NMCES
DELAY
=?
CAPTURE Zn
COMMUTE [C]
MEASUREMENT
WINDOW
GENERATOR
CURRENT
VOLTAGE
MODE
Internal VREF
WEIGHT
PWM (1)
Note 1: The PWM signal is generated by the ST7 16-bit Timer
(I)
(V)
(V)
(I)
(V)
R1ext
Cext
(I)
DELAY MANAGER
CHANNEL MANAGER
BEMF ZERO-CROSSING
DETECTOR
PWM MANAGER
[Z]
(V)
(I)
[Z] : Back EMF Zero-crossing event
Zn : Time elapsed between two consecutive Z events
[C] : Commutation event
Cn : Time delayed after Z event to generate C event
(I): Current mode
(V): Voltage mode
MTIM
R2ext
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com