Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K2 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST72141K2
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST72141K2 Datasheet HTML 34Page - STMicroelectronics ST72141K2 Datasheet HTML 35Page - STMicroelectronics ST72141K2 Datasheet HTML 36Page - STMicroelectronics ST72141K2 Datasheet HTML 37Page - STMicroelectronics ST72141K2 Datasheet HTML 38Page - STMicroelectronics ST72141K2 Datasheet HTML 39Page - STMicroelectronics ST72141K2 Datasheet HTML 40Page - STMicroelectronics ST72141K2 Datasheet HTML 41Page - STMicroelectronics ST72141K2 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 132 page
background image
ST72141K
38/132
7 MISCELLANEOUS REGISTER
The miscellaneous register allows control over
several different features such as the external in-
terrupts or the I/O alternate functions.
7.1 I/O Port Interrupt Sensitivity Description
The external interrupt sensitivity is controlled by
the ISxx bits of the Miscellaneous register. This
control allows to have two fully independent exter-
nal interrupt source sensitivities as shown in Fig-
ure 25.
Each external interrupt source can be generated
on four different events on the pin:
s
Falling edge
s
Rising edge
s
Falling and rising edge
s
Falling edge and low level
To guaranty correct functionality, a modification of
the sensitivity in the MISCR register must be done
only when the I bit of the CC register is set to 1 (in-
terrupt masked). See I/O port register and Miscel-
laneous register descriptions for more details on
the programming.
Figure 25. External Interrupt Sensitivity
7.2 I/O Port Alternate Functions
The MISCR register manages the SPI SS pin al-
ternate function configuration. This makes it possi-
ble to use the PB2 I/O port function while the SPI is
active.
These functions are described in detail in Section
7.4 Miscellaneous Register Description.
7.3 Clock Prescaler Selection
The MISCR register is used to select the SLOW
mode (see Section 5.4 SLOW Mode for more de-
tails) and the SPI and Motor Control peripheral
clock prescaler.
EI0
INTERRUPT
SOURCE
IS00
IS01
MISCR
SENSITIVITY
CONTROL
PA7
PA0
PB7
PB0
IS10
IS11
MISCR
SENSITIVITY
CONTROL
EI1
INTERRUPT
SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com