Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K2 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST72141K2
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST72141K2 Datasheet HTML 42Page - STMicroelectronics ST72141K2 Datasheet HTML 43Page - STMicroelectronics ST72141K2 Datasheet HTML 44Page - STMicroelectronics ST72141K2 Datasheet HTML 45Page - STMicroelectronics ST72141K2 Datasheet HTML 46Page - STMicroelectronics ST72141K2 Datasheet HTML 47Page - STMicroelectronics ST72141K2 Datasheet HTML 48Page - STMicroelectronics ST72141K2 Datasheet HTML 49Page - STMicroelectronics ST72141K2 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 132 page
background image
ST72141K
46/132
MOTOR CONTROLLER (Cont’d)
Sensorless Mode
This mode is used to detect BEMF zero crossing
and end of demagnetization events.
The analog phase multiplexer connects the non-
excited motor winding to an analog 100mV hyster-
esis comparator referred to a selectable reference
voltage.
The VR[1:0] bits in the MCRB register select the
reference voltage from four internal values de-
pending on the noise level and the application volt-
age supply.
BEMF detections are performed during the meas-
urement window, when the excited windings are
free-wheeling through the low side switches and
diodes. At this stage the common star connection
voltage is near to ground voltage (instead of VDD/2
when the excited windings are powered) and the
complete BEMF voltage is present on the non-ex-
cited winding terminal, referred to the ground ter-
minal.
The zero crossing sampling frequency is then de-
fined, in current mode, by the measurement win-
dow generator frequency (SA[3:0] bits in the
MPRSR register) or, in voltage mode, by the 16-bit
Timer PWM frequency and duty cycle.
During a short period after a phase commutation
(C event), the winding is no longer excited but
needs a demagnetisation phase during which the
BEMF cannot be read. A demagnetization current
goes through the free-wheeling diodes and the
winding voltage is stuck at the high voltage or to
the ground terminal. For this reason an “end of de-
magnetization event” D must be detected on the
winding before the detector can sense a BEMF
zero crossing.
For the end-of-demagnetization detection, no spe-
cial PWM configuration is needed, the comparator
sensing is done at a fixed 800kHz sampling fre-
quency.
So, the three events: C (commutation), D (demag-
netization) and Z (BEMF zero crossing) must al-
ways occur in this order.
The comparator output is processed by a detector
that automatically recognizes the D or Z event, de-
pending on the CPB or ZVD edge and level config-
uration bits as described in Table 12.
A 20
−µs filter after a C event disables a D event if
spurious spikes occur.
Another 20
−µs filter after a D event disables a Z
event if spurious spikes occur.
Table 12. ZVD and CPB Edge Selection Bits
ZVD bit
CPB bit
Event generation vs input data sampled
00
01
10
11
Note: The ZVD bit is located in the MPAR register, the CPB bit is in the MCRB register.
CDH
Z
20-µs filter
20-µs filter
CDH
Z
20-µs filter
20-µs filter
CDH
Z
20-µs filter
20-µs filter
CDH
Z
20-µs filter
20-µs filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com