Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K2 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST72141K2
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST72141K2 Datasheet HTML 45Page - STMicroelectronics ST72141K2 Datasheet HTML 46Page - STMicroelectronics ST72141K2 Datasheet HTML 47Page - STMicroelectronics ST72141K2 Datasheet HTML 48Page - STMicroelectronics ST72141K2 Datasheet HTML 49Page - STMicroelectronics ST72141K2 Datasheet HTML 50Page - STMicroelectronics ST72141K2 Datasheet HTML 51Page - STMicroelectronics ST72141K2 Datasheet HTML 52Page - STMicroelectronics ST72141K2 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
ST72141K
49/132
MOTOR CONTROLLER (Cont’d)
BEMF Zero Crossing (Z) Event
When both C and D events have occurred, the
PWM may be switched to another group of outputs
(depending on the OS[2:0] bits in the MCRB regis-
ter) and the real BEMF zero crossing sampling can
start (see Figure 32).
A BEMF voltage is present on the non-powered
terminal but referred to common star connection of
the motor whose voltage is equal to VDD/2.
When a winding is free-wheeling (during PWM off-
time) its terminal voltage changes to the other
power rail voltage, that means if the PWM is ap-
plied on the high side driver, free-wheeling will be
done through the high side diode and the terminal
will be 0V.
This is used to force the common star connection
to 0V in order to read the BEMF referred to the
ground terminal.
Consequently, BEMF reading (i.e. comparison
with a voltage close to 0V) can only be done when
the PWM is applied on the high side drivers.
For this reason the MTC outputs can be split in two
groups called ODD and EVEN and the BEMF
reading will be done only when PWM is applied on
one of these two groups. The REO bit in the MPAR
register is used to select the group to be used for
BEMF sensing (high side group)
Refer to Table 15 for an overview of when a BEMF
can be read depending on REO bit, PWM mode
and function mode of peripheral.
Depending on the edge and level selection (ZVD
and CPB) bits and when PWM is applied on the
correct group, a BEMF zero crossing detection
sets the ZI bit in the MISR register and generates
an interrupt if the ZIM bit is set.
The Z event also triggers some timer/multiplier op-
erations, for more details see Section 8.1.4.2
Figure 31. Sampling and Zero Crossing Blocks
Output of hysteresis comparator
DQ
CP
1
2
V
I
16-bit Timer PWM
Sampling frequency
V0C1 bit
Freq. (T=1.25us) for Demagnetization and Sensor
Sample
C
DS,H
1
2
20
µs / D
REO bit
C
DS,H
Sample
Z
SR bit
To D detection
ZVD bit
or
or
or
CPBn bit*
* = Preload register, changes taken into account at next C event.
MCRA Register
MPAR Register
MCRB Register MPAR Register
MCRA Register
Reg
C
DS,H
Z
events:
Commutation
BEFM Zero-crossing
End Of Demagnetization
E
Emergency Stop
Notes:
Updated/Shifted on R
Ratio Updated (+1 or -1)
Multiplier Overflow
R+/-
O
Current Mode
Voltage Mode
I
V
Regn
Updated with Regn+1 on C
1
2
Branch taken after C event
Branch taken after D event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com