Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 58Page - STMicroelectronics ST7LITE20 Datasheet HTML 59Page - STMicroelectronics ST7LITE20 Datasheet HTML 60Page - STMicroelectronics ST7LITE20 Datasheet HTML 61Page - STMicroelectronics ST7LITE20 Datasheet HTML 62Page - STMicroelectronics ST7LITE20 Datasheet HTML 63Page - STMicroelectronics ST7LITE20 Datasheet HTML 64Page - STMicroelectronics ST7LITE20 Datasheet HTML 65Page - STMicroelectronics ST7LITE20 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 131 page
background image
ST7LITE2
62/131
12-BIT AUTORELOAD TIMER (Cont’d)
Bit 4 = BPEN
Break Pin Enable.
This bit is read/write by software and cleared by
hardware after Reset.
0: Break pin disabled
1: Break pin enabled
Bit 3:0 = PWM[3:0]
Break Pattern.
These bits are read/write by software and cleared
by hardware after a reset. They are used to force
the four PWMx output signals into a stable state
when the Break function is active.
PWMx DUTY CYCLE REGISTER HIGH (DCRxH)
Read / Write
Reset Value: 0000 0000 (00h)
PWMx DUTY CYCLE REGISTER LOW (DCRxL)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved.
Bits 11:0 = DCR[11:0]
PWMx Duty Cycle Value
This 12-bit value is written by software. It defin-
esthe duty cycle of the corresponding PWM output
signal (see Figure 36).
In PWM mode (OEx=1 in the PWMCR register)
the DCR[11:0] bits define the duty cycle of the
PWMx output signal (see Figure 36). In Output
Compare mode, they define the value to be com-
pared with the 12-bit upcounter value.
INPUT CAPTURE REGISTER HIGH (ATICRH)
Read only
Reset Value: 0000 0000 (00h)
INPUT CAPTURE REGISTER LOW (ATICRL)
Read only
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved.
Bits 11:0 = ICR[11:0]
Input Capture Data.
This is a 12-bit register which is readable by soft-
ware and cleared by hardware after a reset. The
ATICR register contains captured the value of the
12-bit CNTR register when a rising or falling edge
occurs on the ATIC pin. Capture will only be per-
formed when the ICF flag is cleared.
TRANSFER CONTROL REGISTER (TRANCR)
Read/Write
Reset Value: 0000 0001 (01h)
Bits 7:1 Reserved. Forced by hardware to 0.
Bit 0 = TRAN
Transfer enable
This bit is read/write by software, cleared by hard-
ware after each completed transfer and set by
hardware after reset.
It allows the value of the DCRx registers to be
transferred to the DCRx shadow registers after the
next overflow event.
The OPx bits are transferred to the shadow OPx
bits in the same way.
15
8
0
0
0
0
DCR11 DCR10 DCR9
DCR8
70
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0
15
8
0000
ICR11 ICR10
ICR9
ICR8
70
ICR7
ICR6
ICR5
ICR4
ICR3
ICR2
ICR1
ICR0
70
00
00000
TRAN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com