Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 79Page - STMicroelectronics ST7LITE20 Datasheet HTML 80Page - STMicroelectronics ST7LITE20 Datasheet HTML 81Page - STMicroelectronics ST7LITE20 Datasheet HTML 82Page - STMicroelectronics ST7LITE20 Datasheet HTML 83Page - STMicroelectronics ST7LITE20 Datasheet HTML 84Page - STMicroelectronics ST7LITE20 Datasheet HTML 85Page - STMicroelectronics ST7LITE20 Datasheet HTML 86Page - STMicroelectronics ST7LITE20 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 131 page
background image
ST7LITE2
83/131
10-BIT A/D CONVERTER (ADC) (Cont’d)
11.5.6 Register Description
CONTROL/STATUS REGISTER (ADCCSR)
Read /Write (Except bit 7 read only)
Reset Value: 0000 0000 (00h)
Bit 7 = EOC
End of Conversion
This bit is set by hardware. It is cleared by soft-
ware reading the ADCDRH register.
0: Conversion is not complete
1: Conversion complete
Bit 6 = SPEED
ADC clock selection
This bit is set and cleared by software. It is used
together with the SLOW bit to configure the ADC
clock speed. Refer to the table in the SLOW bit de-
scription.
Bit 5 = ADON
A/D Converter on
This bit is set and cleared by software.
0: A/D converter and amplifier are switched off
1: A/D converter and amplifier are switched on
Bit 4:3 = Reserved. Must be kept cleared.
Bit 2:0 = CH[2:0]
Channel Selection
These bits are set and cleared by software. They
select the analog input to convert.
*The number of channels is device dependent. Refer to
the device pinout description.
DATA REGISTER HIGH (ADCDRH)
Read Only
Reset Value: xxxx xxxx (xxh)
Bit 7:0 = D[9:2]
MSB of Analog Converted Value
AMP CONTROL/DATA REGISTER LOW (AD-
CDRL)
Read /Write
Reset Value: 0000 00xx (0xh)
Bit 7:5 = Reserved. Forced by hardware to 0.
Bit 4 = AMPCAL
Amplifier Calibration Bit
This bit is set and cleared by software.
0: Calibration off
1: Calibration on. The input voltage of the amp is
set to 0V.
Bit 3 = SLOW
Slow mode
This bit is set and cleared by software. It is used
together with the SPEED bit to configure the ADC
clock speed as shown on the table below.
Bit 2 = AMPSEL
Amplifier Selection Bit
This bit is set and cleared by software.
0: Amplifier is not selected
1: Amplifier is selected
Note: When AMPSEL=1 it is mandatory that fADC
be less than or equal to 2 MHz.
Bit 1:0 = D[1:0]
LSB of Analog Converted Value
70
EOC
SPEED ADON
0
CH3
CH2
CH1
CH0
Channel Pin*
CH2
CH1
CH0
AIN0
0
0
0
AIN1
0
0
1
AIN2
0
1
0
AIN3
0
1
1
AIN4
1
0
0
AIN5
1
0
1
AIN6
1
1
0
70
D9
D8
D7
D6
D5
D4
D3
D2
70
000
AMP
CAL
SLOW
AMP-
SEL
D1
D0
fADC
SLOW SPEED
fCPU/2
00
fCPU
01
fCPU/4
1x
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com