Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 59Page - STMicroelectronics ST7LITE20 Datasheet HTML 60Page - STMicroelectronics ST7LITE20 Datasheet HTML 61Page - STMicroelectronics ST7LITE20 Datasheet HTML 62Page - STMicroelectronics ST7LITE20 Datasheet HTML 63Page - STMicroelectronics ST7LITE20 Datasheet HTML 64Page - STMicroelectronics ST7LITE20 Datasheet HTML 65Page - STMicroelectronics ST7LITE20 Datasheet HTML 66Page - STMicroelectronics ST7LITE20 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 131 page
background image
ST7LITE2
63/131
12-BIT AUTORELOAD TIMER (Cont’d)
Table 14. Register Map and Reset Values
Address
(Hex.)
Register
Label
7654
3210
0D
ATCSR
Reset Value
0
ICF
0
ICIE
0
CK1
0
CK0
0
OVF
0
OVFIE
0
CMPIE
0
0E
CNTRH
Reset Value
0000
CNTR11
0
CNTR10
0
CNTR9
0
CNTR8
0
0F
CNTRL
Reset Value
CNTR7
0
CNTR8
0
CNTR7
0
CNTR6
0
CNTR3
0
CNTR2
0
CNTR1
0
CNTR0
0
10
ATRH
Reset Value
0000
ATR11
0
ATR10
0
ATR9
0
ATR8
0
11
ATRL
Reset Value
ATR7
0
ATR6
0
ATR5
0
ATR4
0
ATR3
0
ATR2
0
ATR1
0
ATR0
0
12
PWMCR
Reset Value
0
OE3
0
0
OE2
0
0
OE1
0
0
OE0
0
13
PWM0CSR
Reset Value
0000
00
OP0
0
CMPF0
0
14
PWM1CSR
Reset Value
0000
00
OP1
0
CMPF1
0
15
PWM2CSR
Reset Value
0000
00
OP2
0
CMPF2
0
16
PWM3CSR
Reset Value
0000
00
OP3
0
CMPF3
0
17
DCR0H
Reset Value
0000
DCR11
0
DCR10
0
DCR9
0
DCR8
0
18
DCR0L
Reset Value
DCR7
0
DCR6
0
DCR5
0
DCR4
0
DCR3
0
DCR2
0
DCR1
0
DCR0
0
19
DCR1H
Reset Value
0000
DCR11
0
DCR10
0
DCR9
0
DCR8
0
1A
DCR1L
Reset Value
DCR7
0
DCR6
0
DCR5
0
DCR4
0
DCR3
0
DCR2
0
DCR1
0
DCR0
0
1B
DCR2H
Reset Value
0000
DCR11
0
DCR10
0
DCR9
0
DCR8
0
1C
DCR2L
Reset Value
DCR7
0
DCR6
0
DCR5
0
DCR4
0
DCR3
0
DCR2
0
DCR1
0
DCR0
0
1D
DCR3H
Reset Value
0000
DCR11
0
DCR10
0
DCR9
0
DCR8
0
1E
DCR3L
Reset Value
DCR7
0
DCR6
0
DCR5
0
DCR4
0
DCR3
0
DCR2
0
DCR1
0
DCR0
0
1F
ATICRH
Reset Value
0000
ICR11
0
ICR10
0
ICR9
0
ICR8
0
20
ATICRL
Reset Value
ICR7
0
ICR6
0
ICR5
0
ICR4
0
ICR3
0
ICR2
0
ICR1
0
ICR0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com