Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 57Page - STMicroelectronics ST7LITE20 Datasheet HTML 58Page - STMicroelectronics ST7LITE20 Datasheet HTML 59Page - STMicroelectronics ST7LITE20 Datasheet HTML 60Page - STMicroelectronics ST7LITE20 Datasheet HTML 61Page - STMicroelectronics ST7LITE20 Datasheet HTML 62Page - STMicroelectronics ST7LITE20 Datasheet HTML 63Page - STMicroelectronics ST7LITE20 Datasheet HTML 64Page - STMicroelectronics ST7LITE20 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 131 page
background image
ST7LITE2
61/131
12-BIT AUTORELOAD TIMER (Cont’d)
AUTORELOAD REGISTER (ATRH)
Read / Write
Reset Value: 0000 0000 (00h)
AUTORELOAD REGISTER (ATRL)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 11:0 = ATR[11:0]
Autoreload Register.
This is a 12-bit register which is written by soft-
ware. The ATR register value is automatically
loaded into the upcounter when an overflow oc-
curs. The register value is used to set the PWM
frequency.
PWM OUTPUT CONTROL REGISTER
(PWMCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = OE[3:0]
PWMx output enable.
These bits are set and cleared by software and
cleared by hardware after a reset.
0: PWM mode disabled. PWMx Output Alternate
Function disabled (I/O pin free for general pur-
pose I/O)
1: PWM mode enabled
PWMx CONTROL STATUS REGISTER
(PWMxCSR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:2= Reserved, must be kept cleared.
Bit 1 = OPx
PWMx Output Polarity.
This bit is read/write by software and cleared by
hardware after a reset. This bit selects the polarity
of the PWM signal.
0: The PWM signal is not inverted.
1: The PWM signal is inverted.
Bit 0 = CMPFx PWMx
Compare Flag.
This bit is set by hardware and cleared by software
by reading the PWMxCSR register. It indicates
that the upcounter value matches the DCRx regis-
ter value.
0: Upcounter value does not match DCR value.
1: Upcounter value matches DCR value.
BREAK CONTROL REGISTER (BREAKCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = Reserved. Forced by hardware to 0.
Bit 5 = BA
Break Active.
This bit is read/write by software, cleared by hard-
ware after reset and set by hardware when the
BREAK pin is low. It activates/deactivates the
Break function.
0: Break not active
1: Break active
15
8
0
0
0
0
ATR11 ATR10
ATR9
ATR8
70
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
70
0OE3
0
OE2
0OE10OE0
76
0
000000
OPx
CMPFx
70
0
0
BA
BPEN
PWM3
PWM2
PWM1
PWM0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com