Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 63Page - STMicroelectronics ST7LITE20 Datasheet HTML 64Page - STMicroelectronics ST7LITE20 Datasheet HTML 65Page - STMicroelectronics ST7LITE20 Datasheet HTML 66Page - STMicroelectronics ST7LITE20 Datasheet HTML 67Page - STMicroelectronics ST7LITE20 Datasheet HTML 68Page - STMicroelectronics ST7LITE20 Datasheet HTML 69Page - STMicroelectronics ST7LITE20 Datasheet HTML 70Page - STMicroelectronics ST7LITE20 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 131 page
background image
ST7LITE2
67/131
LITE TIMER (Cont’d)
– The opcode for the HALT instruction is 0x8E. To
avoid an unexpected HALT instruction due to a
program counter failure, it is advised to clear all
occurrences of the data value 0x8E from memo-
ry. For example, avoid defining a constant in
ROM with the value 0x8E.
– As the HALT instruction clears the I bit in the CC
register to allow interrupts, the user may choose
to clear all pending interrupt bits before execut-
ing the HALT instruction. This avoids entering
other peripheral interrupt routines after executing
the external interrupt routine corresponding to
the wake-up event (reset or external interrupt).
11.3.4 Low Power Modes
11.3.5 Interrupts
Note: The TBxF and ICF interrupt events are con-
nected to separate interrupt vectors (see Inter-
rupts chapter).
They generate an interrupt if the enable bit is set in
the LTCSR1 or LTCSR2 register and the interrupt
mask in the CC register is reset (RIM instruction).
11.3.6 Register Description
LITE TIMER CONTROL/STATUS REGISTER 2
(LTCSR2)
Read / Write
Reset Value: 0x00 0000 (x0h)
Bits 7:2 = Reserved, must be kept cleared.
Bit 1 = TB2IE
Timebase 2 Interrupt enable.
This bit is set and cleared by software.
0: Timebase (TB2) interrupt disabled
1: Timebase (TB2) interrupt enabled
Bit 0 = TB2F
Timebase 2 Interrupt Flag.
This bit is set by hardware and cleared by software
reading the LTCSR register. Writing to this bit has
no effect.
0: No Counter 2 overflow
1: A Counter 2 overflow has occurred
LITE
TIMER
AUTORELOAD
REGISTER
(LTARR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = AR[7:0]
Counter 2 Reload Value.
These bits register is read/write by software. The
LTARR value is automatically loaded into Counter
2 (LTCNTR) when an overflow occurs.
Mode
Description
SLOW
No effect on Lite timer
(this peripheral is driven directly
by fOSC/32)
WAIT
No effect on Lite timer
ACTIVE-HALT No effect on Lite timer
HALT
Lite timer stops counting
Interrupt
Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Active
Halt
Exit
from
Halt
Timebase 1
Event
TB1F
TB1IE
Yes
Yes
No
Timebase 2
Event
TB2F
TB2IE
Yes
No
No
IC Event
ICF
ICIE
Yes
No
No
70
000000
TB2IE
TB2F
70
AR7
AR7
AR7
AR7
AR3
AR2
AR1
AR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com