Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 51Page - STMicroelectronics ST7LITE20 Datasheet HTML 52Page - STMicroelectronics ST7LITE20 Datasheet HTML 53Page - STMicroelectronics ST7LITE20 Datasheet HTML 54Page - STMicroelectronics ST7LITE20 Datasheet HTML 55Page - STMicroelectronics ST7LITE20 Datasheet HTML 56Page - STMicroelectronics ST7LITE20 Datasheet HTML 57Page - STMicroelectronics ST7LITE20 Datasheet HTML 58Page - STMicroelectronics ST7LITE20 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 131 page
background image
ST7LITE2
55/131
11.2 12-BIT AUTORELOAD TIMER 2 (AT2)
11.2.1 Introduction
The 12-bit Autoreload Timer can be used for gen-
eral-purpose timing functions. It is based on a free-
running 12-bit upcounter with an input capture reg-
ister and four PWM output channels. There are 6
external pins:
– Four PWM outputs
– ATIC pin for the Input Capture function
– BREAK pin for forcing a break condition on the
PWM outputs
11.2.2 Main Features
s
12-bit upcounter with 12-bit autoreload register
(ATR)
s
Maskable overflow interrupt
s
Generation of four independent PWMx signals
s
Frequency 2KHz-4MHz (@ 8 MHz fCPU)
– Programmable duty-cycles
– Polarity control
– Programmable output modes
– Maskable Compare interrupt
s
Input Capture
– 12-bit input capture register (ATICR)
– Triggered by rising and falling edges
– Maskable IC interrupt
Figure 34. Block Diagram
ATCSR
CMPIE
OVFIE
OVF
CK0
CK1
ICIE
ICF
0
12-BIT AUTORELOAD REGISTER
12-BIT UPCOUNTER
CMPF2
CMPF1
CMPF3
CMPF0
CMP
REQUEST
OVF INTERRUPT
REQUEST
fCPU
ATIC
12-BIT INPUT CAPTURE REGISTER
IC INTERRUPT
REQUEST
ATR
ATICR
fCOUNTER
CNTR
32 MHz
(1 ms
fLTIMER
@ 8MHz)
CMPFx bit
POL-
ARITY
OPx bit
PWMx
COMP-
PARE
fPWM
OEx bit
4 PWM Channels
INTERRUPT
timebase
DCR0H
DCR0L
Preload
Preload
on OVF Event
12-BIT DUTY CYCLE VALUE (shadow)
IF TRAN=1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com