Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 56Page - STMicroelectronics ST7LITE20 Datasheet HTML 57Page - STMicroelectronics ST7LITE20 Datasheet HTML 58Page - STMicroelectronics ST7LITE20 Datasheet HTML 59Page - STMicroelectronics ST7LITE20 Datasheet HTML 60Page - STMicroelectronics ST7LITE20 Datasheet HTML 61Page - STMicroelectronics ST7LITE20 Datasheet HTML 62Page - STMicroelectronics ST7LITE20 Datasheet HTML 63Page - STMicroelectronics ST7LITE20 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 131 page
background image
ST7LITE2
60/131
12-BIT AUTORELOAD TIMER (Cont’d)
11.2.6 Register Description
TIMER CONTROL STATUS REGISTER
(ATCSR)
Read / Write
Reset Value: 0x00 0000 (x0h)
Bit 7 = Reserved.
Bit 6 = ICF
Input Capture Flag.
This bit is set by hardware and cleared by software
by reading the ATICR register (a read access to
ATICRH or ATICRL will clear this flag). Writing to
this bit does not change the bit value.
0: No input capture
1: An input capture has occurred
Bit 5 = ICIE
IC Interrupt Enable.
This bit is set and cleared by software.
0: Input capture interrupt disabled
1: Input capture interrupt enabled
Bits 4:3 = CK[1:0]
Counter Clock Selection.
These bits are set and cleared by software and
cleared by hardware after a reset. They select the
clock frequency of the counter. The change be-
comes effective after an overflow.
Note 1: PWM mode is not available at this fre-
quency.
Note 2: ATICR counter may return inaccurate re-
sults when read. It is therefore not recommended
to use Input Capture mode at this frequency.
Bit 2 = OVF
Overflow Flag.
This bit is set by hardware and cleared by software
by reading the TCSR register. It indicates the tran-
sition of the counter from FFh to ATR value.
0: No counter overflow occurred
1: Counter overflow occurred
Bit 1 = OVFIE
Overflow Interrupt Enable.
This bit is read/write by software and cleared by
hardware after a reset.
0: OVF interrupt disabled.
1: OVF interrupt enabled.
Bit 0 = CMPIE
Compare Interrupt Enable.
This bit is read/write by software and cleared by
hardware after a reset. It can be used to mask the
interrupt generated when the CMPF bit is set.
0: CMPF interrupt disabled.
1: CMPF interrupt enabled.
COUNTER REGISTER HIGH (CNTRH)
Read only
Reset Value: 0000 0000 (000h)
COUNTER REGISTER LOW (CNTRL)
Read only
Reset Value: 0000 0000 (000h)
Bits 15:12 = Reserved.
Bits 11:0 = CNTR[11:0]
Counter Value.
This 12-bit register is read by software and cleared
by hardware after a reset. The counter is incre-
mented continuously as soon as a counter clok is
selected. To obtain the 12-bit value, software
should read the counter value in two consecutive
read operations, LSB first. When a counter over-
flow occurs, the counter restarts from the value
specified in the ATR register.
76
0
0
ICF
ICIE
CK1
CK0
OVF
OVFIE CMPIE
Counter Clock Selection
CK1
CK0
OFF
0
0
fLTIMER (1 ms timebase @ 8 MHz)
1)
01
fCPU
10
32 MHz 2)
11
15
8
0000
CNTR
11
CNTR
10
CNTR9 CNTR8
70
CNTR7 CNTR6 CNTR5 CNTR4 CNTR3 CNTR2 CNTR1 CNTR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com