Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 52Page - STMicroelectronics ST7LITE20 Datasheet HTML 53Page - STMicroelectronics ST7LITE20 Datasheet HTML 54Page - STMicroelectronics ST7LITE20 Datasheet HTML 55Page - STMicroelectronics ST7LITE20 Datasheet HTML 56Page - STMicroelectronics ST7LITE20 Datasheet HTML 57Page - STMicroelectronics ST7LITE20 Datasheet HTML 58Page - STMicroelectronics ST7LITE20 Datasheet HTML 59Page - STMicroelectronics ST7LITE20 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 131 page
background image
ST7LITE2
56/131
12-BIT AUTORELOAD TIMER (Cont’d)
11.2.3 Functional Description
PWM Mode
This mode allows up to four Pulse Width Modulat-
ed signals to be generated on the PWMx output
pins. The PWMx output signals can be enabled or
disabled using the OEx bits in the PWMCR regis-
ter.
PWM Frequency and Duty Cycle
The four PWM signals have the same frequency
(fPWM) which is controlled by the counter period
and the ATR register value.
fPWM = fCOUNTER / (4096 - ATR)
Following the above formula,
– If fCOUNTER is 32 MHz, the maximum value of
fPWM is 8 MHz (ATR register value = 4092), the
minimum value is 8 KHz (ATR register value = 0)
– If fCOUNTER is 4 Mhz, the maximum value of fPWM
is 2 MHz (ATR register value = 4094),the mini-
mum value is 1 KHz (ATR register value = 0).
Note: The maximum value of ATR is 4094 be-
cause it must be lower than the DCR value which
must be 4095 in this case.
At reset, the counter starts counting from 0.
When a upcounter overflow occurs (OVF event),
the preloaded Duty cycle values are transferred to
the Duty Cycle registers and the PWMx signals
are set to a high level. When the upcounter match-
es the DCRx value the PWMx signals are set to a
low level. To obtain a signal on a PWMx pin, the
contents of the corresponding DCRx register must
be greater than the contents of the ATR register.
The polarity bits can be used to invert any of the
four output signals. The inversion is synchronized
with the counter overflow if the TRAN bit in the
TRANCR register is set (reset value). See Figure
35.
Figure 35. PWM Inversion Diagram
The maximum available resolution for the PWMx
duty cycle is:
Resolution = 1 / (4096 - ATR)
Note: To get the maximum resolution (1/4096), the
ATR register must be 0. With this maximum reso-
lution, 0% and 100% can be obtained by changing
the polarity.
Figure 36. PWM Function
PWMx
PWMx
PIN
counter
overflow
OPx
PWMxCSR Register
inverter
DFF
TRAN
TRANCR Register
DUTY CYCLE
REGISTER
AUTO-RELOAD
REGISTER
t
4095
000
WITH OE=1
AND OPx=0
(ATR)
(DCRx)
WITH OE=1
AND OPx=1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com