Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 105Page - STMicroelectronics ST7LITE20 Datasheet HTML 106Page - STMicroelectronics ST7LITE20 Datasheet HTML 107Page - STMicroelectronics ST7LITE20 Datasheet HTML 108Page - STMicroelectronics ST7LITE20 Datasheet HTML 109Page - STMicroelectronics ST7LITE20 Datasheet HTML 110Page - STMicroelectronics ST7LITE20 Datasheet HTML 111Page - STMicroelectronics ST7LITE20 Datasheet HTML 112Page - STMicroelectronics ST7LITE20 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 131 page
background image
ST7LITE2
109/131
I/O PORT PIN CHARACTERISTICS (Cont’d)
13.8.2 Output Driving Current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD.
3. Not tested in production, based on characterization results.
Figure 73. Typical VOL at VDD=2.4V (standard)
Figure 74. Typical VOL at VDD=2.7V (standard)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 76)
IIO=+5mA TA≤85°C
TA≥85°C
1.0
1.2
V
IIO=+2mA TA≤85°C
TA≥85°C
0.4
0.5
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 78)
IIO=+20mA,TA≤85°C
TA≥85°C
1.3
1.5
IIO=+8mA TA≤85°C
TA≥85°C
0.75
0.85
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 84)
IIO=-5mA, TA≤85°C
TA≥85°C
VDD-1.5
VDD-1.6
IIO=-2mA
TA≤85°C
TA≥85°C
VDD-0.8
VDD-1.0
VOL
1)3)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 75)
IIO=+2mA TA≤85°C
TA≥85°C
0.5
0.6
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
IIO=+8mA TA≤85°C
TA≥85°C
0.5
0.6
VOH
2)3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO=-2mA
TA≤85°C
TA≥85°C
VDD-0.8
VDD-1.0
VOL
1)3)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 74)
IIO=+2mA TA≤85°C
TA≥85°C
0.6
0.7
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
IIO=+8mA TA≤85°C
TA≥85°C
0.6
0.7
VOH
2)3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 81)
IIO=-2mA
TA≤85°C
TA≥85°C
VDD-0.9
VDD-1.0
TO BE CHARACTERIZED
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.01
1
2
lio (mA)
-45
0°C
25°C
90°C
130°C
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.01
1
2
lio (mA)
-45°C
0°C
25°C
90°C
130°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com