Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 115Page - STMicroelectronics ST7LITE20 Datasheet HTML 116Page - STMicroelectronics ST7LITE20 Datasheet HTML 117Page - STMicroelectronics ST7LITE20 Datasheet HTML 118Page - STMicroelectronics ST7LITE20 Datasheet HTML 119Page - STMicroelectronics ST7LITE20 Datasheet HTML 120Page - STMicroelectronics ST7LITE20 Datasheet HTML 121Page - STMicroelectronics ST7LITE20 Datasheet HTML 122Page - STMicroelectronics ST7LITE20 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 131 page
background image
ST7LITE2
119/131
ADC CHARACTERISTICS (Cont’d)
Notes:
1) Data based on characterization results over the whole temperature range, not tested in production.
2) For precise conversion results it is recommended to calibrate the amplifier at the following two points:
– offset at VINmin = 0V
– gain at full scale (for example VIN=250mV)
3) Monotonicity guaranteed if VIN increases or decreases in steps of min. 5mV.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(AMP)
Amplifier operating voltage
4.5
5.5
V
VIN
Amplifier input voltage
VDD=5V
62.5
430
mV
VOFFSET
Amplifier offset voltage
175
mV
VSTEP
Step size for monotonicity3)
5mV
Linearity
Output Voltage Response
Linear
Gain factor
Amplified Analog input Gain2)
8
Vmax
Output Linearity Max Voltage
VINmax = 430mV,
VDD=5V
V
Vmin
Output Linearity Min Voltage
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com