Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 131Page - STMicroelectronics ST92163 Datasheet HTML 132Page - STMicroelectronics ST92163 Datasheet HTML 133Page - STMicroelectronics ST92163 Datasheet HTML 134Page - STMicroelectronics ST92163 Datasheet HTML 135Page - STMicroelectronics ST92163 Datasheet HTML 136Page - STMicroelectronics ST92163 Datasheet HTML 137Page - STMicroelectronics ST92163 Datasheet HTML 138Page - STMicroelectronics ST92163 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 224 page
background image
135/224
ST92163 - USB PERIPHERAL (USB)
8.3 USB PERIPHERAL (USB)
8.3.1 Introduction
The USB Peripheral provides a full-speed function
interface between the USB bus and the ST9 mi-
crocontroller.
8.3.2 Main Features
s
USB Specification Version 1.1 Compliant
s
Supports 8 device addresses
s
16 software configurable endpoints supporting:
• All USB transfer types (control, interrupt, bulk , and
isochronous)
• Burst-DMA transfers to up to 1K bytes RAM buffers
s
USB Suspend/Resume operations
s
On-Chip 3.3V Regulator
s
On-Chip USB Transceiver
s
Special functions on alternate output pins:
• USB upstream port Output Enable signal (USBOE)
• Start-Of-Frame pulse (SOFP)
s
Two bit-mirror registers
8.3.3 Functional Description
The USB interface is composed of the following
blocks (see Figure 69)
s
SIE (Serial Interface Engine): implementing
USB protocol layer (for a detailed description of
USB protocol refer to chapter 7, 8 of the
“Universal
Serial
Bus
Specification”).
The
functions of this block include: synchronisation
pattern recognition, bit-stuffing, CRC generation
and checking, PID verification/generation and
handshake evaluation. It must interface with
USB bus on one side and with the ST9 core on
the other side.
s
ST9 interface: this block is connected between
the SIE and the ST9 microcontroller. Its purpose
is to handle specific endpoint registers and
provide interrupt and DMA servicing to the SIE.
The unit transfers data from or to the memory,
and uses the Register File to save/load pointer
and counter values without CPU intervention,
taking control of the ST9 buses (Burst-DMA
interface).
The
ST9
Interface
unit
uses
interrupts
to
require
attention
from
the
microcontroller at the end of data transmission/
reception, and to flag error conditions.
s
Port Interface: this block contains the logic
related to the USB physical port. The port
interface also handles the resume detection.
s
Frame Timer: its function is to monitor the Start-
of-Frame (SOF) timing points. It detects a global
suspend (from the host) when no USB traffic
has been seen for 3 ms. It also generates the
SOFP output for any external device requiring
Start-of-Frame synchronization.
s
Port transceiver: containing differential and
single-ended receivers and slew rate controlled
output buffers.
Figure 69. Block Diagram
Full-Speed
DP0
DM0
SOF Timer
SIE
Endpoint
Logic and
DMA
Controller
Registers
Burst
USBOE
SOFP
+
3.3 V
Transceiver
regulator
Interface
Port
Interrupt
Controller
WUIMU
LP_SUSP
WKUP15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com