Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 133Page - STMicroelectronics ST92163 Datasheet HTML 134Page - STMicroelectronics ST92163 Datasheet HTML 135Page - STMicroelectronics ST92163 Datasheet HTML 136Page - STMicroelectronics ST92163 Datasheet HTML 137Page - STMicroelectronics ST92163 Datasheet HTML 138Page - STMicroelectronics ST92163 Datasheet HTML 139Page - STMicroelectronics ST92163 Datasheet HTML 140Page - STMicroelectronics ST92163 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 224 page
background image
137/224
ST92163 - USB PERIPHERAL (USB)
Figure 70. DMA buffers and related register file locations
8.3.3.3 Interrupt modes
Two interrupt modes are available: single vector,
where the application software has to poll the USB
registers to determine which event required its at-
tention, and multi-vector, where a specific interrupt
vector is used for each endpoint. Special support
is offered to isochronous transfers, implementing a
swapped DMA buffer usage.
8.3.3.4 Suspend mode
The unit can be placed in low-power mode (SUS-
PEND mode), by writing in a control register. At
this time, all static power dissipation is avoided,
except for the generation of the 3.3V supply for the
external pull-up resistor. The detection of activity
at the USB inputs while in low-power mode wakes
the device up asynchronously. A special interrupt
source, ESUSP, is connected directly to a wake-
up line so as to allow the ST9 to exit from HALT
condition.
ADDR0_TH
ADDR0_TL
R0
COUNT0_TH
COUNT0_TL
ADDR0_RH
ADDR0_RL
COUNT0_RH
COUNT0_RL
ADDR1_TH
ADDR1_TL
COUNT1_TH
COUNT1_TL
ADDR1_RH
ADDR1_RL
COUNT1_RH
COUNT1_RL
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
ADDR2_TH
ADDR2_TL
R16
R17
REGISTER FILE LOCATIONS
TRANSMISSION
BUFFER FOR
ENDPOINT 0
RECEPTION
BUFFER FOR
ENDPOINT 0
TRANSMISSION
BUFFER FOR
ENDPOINT 1
MEMORY AREA
Register File



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com